ATS-03F-107-C2-R1
AI

The **ATS-03F-107-C2-R1** is a high-performance **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed specifically for cooling electronic components such as CPUs, GPUs, and power transistors.
### 1. Key Technical Specifications
The following table summarizes the primary physical and thermal characteristics of this part:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Shape** | Rectangular, Fin-style |
| **Length/Width** | 50mm x 50mm |
| **Height** | 12.7mm |
| **Thermal Resistance** | 2.79°C/W (at 200 LFM) |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
---
### 2. Electronic/Thermal Performance
Electronic components generate heat during operation. The ATS-03F-107-C2-R1 functions by increasing the surface area of the component to dissipate that heat into the surrounding air.
* **Thermal Management:** The "C2" in the part number indicates a specific thermal interface material (TIM) or finish requirement, often optimized for medium-to-high heat loads.
* **Airflow Efficiency:** The fin design is optimized for **forced convection** (using a fan). If there is no airflow, the thermal resistance increases significantly, which could lead to component failure.
* **Pressure & Contact:** The pushPIN™ mechanism ensures even pressure across the electronic chip, which is critical for minimizing the "air gap" between the chip and the heat sink.
---
### 3. Structural Features
The part belongs to the **pushPIN™** family, which is popular in industrial electronics for the following reasons:
1. **Vibration Resistance:** The spring-loaded pins prevent the heat sink from shifting or falling off during transport or operation.
2. **Ease of Assembly:** It uses pre-drilled holes in the PCB, allowing for quick installation without messy adhesives.
3. **Low Profile:** At 12.7mm tall, it is suitable for 1U server racks or compact electronic enclosures where vertical space is limited.
---
- ⤷What is the difference between active and passive cooling for this heat sink?
- ⤷ How do I calculate the required LFM for my specific electronic component?
- ⤷ Can this heat sink be used with a thermal pad instead of thermal grease?