ATS-05D-104-C2-R1
AI

The **ATS-05D-104-C2-R1** is a high-performance **Heat Sink** assembly from Advanced Thermal Solutions (ATS). It belongs to the **pushPIN™** family, designed for efficient thermal management on Printed Circuit Boards (PCBs).
### 1. Technical Specifications
The part is defined by its dimensions, material properties, and attachment mechanism.
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum (Al) |
| **Finish** | Blue Anodized |
| **Dimensions (L x W x H)** | 25.00mm x 25.00mm x 25.00mm |
| **Fin Style** | Board-Level, Cross-Cut (Pin Fin) |
| **Thermal Resistance** | 2.52 °C/W (@ 1.0 m/s airflow) |
| **Attachment Type** | pushPIN™ (Spring-loaded) |
---
### 2. Key Electronic & Mechanical Components
#### A. Thermal Interface Material (TIM)
The "C2" suffix in the part number indicates that this unit comes pre-applied with **T766 Phase Change Material**. This is a non-silicone thermal interface that fills microscopic air gaps between the heat-generating component (CPU/GPU/ASIC) and the aluminum base to maximize heat transfer.
#### B. The pushPIN™ Mechanism
This electronic cooling part uses a specialized attachment system consisting of:
* **Brass Push Pins:** These snap into holes on the PCB.
* **Stainless Steel Springs:** These provide a calculated, consistent pressure (preload) against the electronic component, ensuring thermal contact without damaging the solder joints.
#### C. Fin Geometry
The **Cross-Cut** design allows for multi-directional airflow. This is critical in electronic enclosures where the direction of the cooling fan's exhaust might not be perfectly aligned with the heat sink.
---
### 3. Application Use Cases
This part is typically used to cool small, high-heat density components such as:
* **Microprocessors (CPUs)**
* **Field Programmable Gate Arrays (FPGAs)**
* **Power Converters**
* **High-speed Networking Chips**
---
### 4. Part Number Breakdown
| Segment | Meaning |
| :--- | :--- |
| **ATS-05** | Series (pushPIN™ Thermal Management) |
| **D** | Attachment Type (Specific Push Pin/Spring combo) |
| **104** | Dimensions and Fin Configuration |
| **C2** | Thermal Interface Material (T766) |
| **R1** | Revision/Standard Packaging |
- ⤷
What are the PCB hole size requirements for installing this heat sink?
- ⤷ How does the T766 phase change material compare to standard thermal grease?
- ⤷ Is there a CAD file or 3D model available for this specific ATS part?