ATS-05D-110-C2-R1
AI

The **ATS-05D-110-C2-R1** is not a complex electronic circuit component (like a chip), but rather a **high-performance thermal management component**. Specifically, it is a specialized heatsink from the *push-pin* series manufactured by **Advanced Thermal Solutions (ATS)**.
---
## 1. Technical Specifications
This component is designed for Cooling Square/Rectangular BGAs (Ball Grid Arrays) and other surface-mount packages.
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum (Al) |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Plastic) with Compression Spring |
| **Thermal Resistance** | 27.0°C/W (Natural Flow) to 4.4°C/W (High Speed) |
| **Dimensions (L x W x H)** | 30mm x 30mm x 25mm |
| **Fin Pattern** | XC (Extra Coarse) - Straight Fin |
---
## 2. Key Electronic Properties
### A. Thermal Conductivity
The primary "electronic" function of this part is to act as a **heat exchanger**. It facilitates the transfer of thermal energy from the semiconductor die to the ambient air.
* **High Efficiency:** The 25mm height allows for significant surface area, crucial for components like CPUs, FPGAs, or high-speed networking chips.
* **Performance Profile:** It is optimized for forced-air cooling (fans) rather than just passive convection.
### B. Attachment & Structural Integrity
The "Electronic" assembly relies on the **Push-Pin** mechanism:
* **Compression Springs:** These provide a specific amount of downward force (pressure) to ensure a consistent interface between the chip and the heatsink.
* **Non-Conductive Finish:** The blue anodization is non-conductive, which helps prevent accidental electrical shorts if the heatsink touches adjacent components on a crowded PCB.
---
## 3. Part Number Breakdown (Nomenclature)
Understanding the code helps identify the specific electronic application:
| Segment | Meaning |
| :--- | :--- |
| **ATS** | Manufacturer (Advanced Thermal Solutions) |
| **05D** | Series / Fin design type |
| **110** | Specific dimensions/mounting hole spacing |
| **C2** | Thermal Interface Material (TIM) included (typically T766) |
| **R1** | Revision / RoHS Compliance status |
---
## 4. Usage Considerations
When integrating this part into an electronic design, engineers must consider:
1. **PCB Layout:** The board must have pre-drilled holes for the push-pins at the exact spacing required by the 110-series.
2. **Vertical Clearance:** With a 25mm height, it may interfere with low-profile server enclosures or daughterboards.
3. **TIM (Thermal Interface Material):** The "C2" variant comes with a pre-applied phase-change material, which simplifies assembly by removing the need for manual thermal paste application.
---
- ⤷
What are the exact hole-to-hole mounting dimensions for the ATS-110 series?
- ⤷ How does the 'XC' fin pattern compare to 'Fine' fin patterns in high-airflow environments?
- ⤷ Can the push-pins be replaced with metal screws for higher vibration environments?