ATS-08F-115-C1-R0
AI

The **ATS-08F-115-C1-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic integrated circuits (ICs) to prevent thermal throttling or hardware failure.
---
### 1. Key Technical Specifications
| Parameter | Specification | Description |
| :--- | :--- | :--- |
| **Part Number** | ATS-08F-115-C1-R0 | Manufacturer Identification |
| **Material** | Aluminum | Lightweight with high thermal conductivity |
| **Fin Style** | Straight | Vertical fins for optimized airflow |
| **Attachment Method** | pushPIN™ | Spring-loaded mechanism for secure mounting |
| **Thermal Resistance** | 5.30°C/W (@ 100 LFM) | Lower is better for heat dissipation |
| **Finish** | Blue Anodized | Protects against corrosion and increases emissivity |
---
### 2. Component Design & Dimensions
This heat sink belongs to the **pushPIN™** series, which is engineered for rapid and secure assembly onto Printed Circuit Boards (PCBs).
* **Footprint:** 40mm x 40mm (Square base).
* **Height:** 20mm (Low profile for compact electronic enclosures).
* **Thermal Interface Material (TIM):** Typically comes with pre-applied **T766** phase-change material to ensure a low-resistance thermal path between the chip and the aluminum base.
---
### 3. Application Use Cases
The ATS-08F-115-C1-R0 is commonly used in electronic environments where forced air (fans) or natural convection is present:
1. **Network Hardware:** Cooling processors in routers, switches, and gateways.
2. **Embedded Systems:** Industrial PCs and automation controllers.
3. **Power Supplies:** Dissipating heat from MOSFETs or voltage regulators.
4. **Telecommunications:** Cooling FPGA and ASIC chips in signal processing units.
---
### 4. Installation Mechanism
The **pushPIN™** system uses a flexible, spring-loaded pin. This provides several benefits over adhesive-based heat sinks:
* **Uniform Pressure:** Ensures the TIM is evenly compressed across the component.
* **Vibration Resistance:** The springs absorb mechanical shock, making it ideal for mobile or industrial equipment.
* **Reusability:** Can be removed and reinstalled easily during maintenance or chip upgrades.
- ⤷
What is the difference between blue anodized and black anodized finishes on heat sinks?
- ⤷ How do I calculate the required airflow (LFM) for this heat sink?
- ⤷ Can the pushPIN attachment be used on any PCB layout?