ATS-61350D-C1-R0
AI

## ATS-61350D-C1-R0: High-Performance Heat Sink Analysis
The **ATS-61350D-C1-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is part of the "maxiFLOW™" series, designed specifically for cooling high-heat-generating electronic components such as CPUs, GPUs, FPGAs, and ASICs in constrained airflow environments.
---
### 1. Technical Specifications
The following table outlines the physical and thermal characteristics of the component:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum (Blue Anodized Finish) |
| **Attachment Method** | maxiGRIP™ (Steady pressure clip system) |
| **Dimensions (L x W x H)** | 35.0mm x 35.0mm x 9.5mm |
| **Thermal Resistance** | 3.50 °C/W (at 200 LFM) |
| **Fin Style** | Spread Fin / maxiFLOW™ |
| **Thermal Interface Material** | T766 (High performance) |
| **Compliance** | RoHS and REACH Compliant |
---
### 2. Key Electronic & Mechanical Features
#### A. maxiFLOW™ Fin Geometry
Unlike standard straight-fin heat sinks, the **maxiFLOW™** design features a tapered fin geometry. This maximizes the surface area for heat dissipation while minimizing the pressure drop. This is critical in electronics where fan noise or power consumption must be kept low.
#### B. maxiGRIP™ Attachment System
One of the most important aspects of this part for electronic assembly is the **maxiGRIP™** mechanism:
* **Plastic Frame Clip:** It uses a high-tension plastic clip that snaps around the component.
* **No Holes Required:** It allows for secure mounting on the PCB without requiring pre-drilled holes, saving valuable board real estate.
* **Mechanical Reliability:** Provides consistent pressure on the Thermal Interface Material (TIM) to ensure optimal heat transfer.
#### C. Thermal Interface Material (TIM)
The unit comes pre-applied with **T766**. In electronics, the TIM is the critical bridge between the semiconductor die/package and the aluminum heat sink, eliminating microscopic air gaps that act as insulators.
---
### 3. Applications in Electronics
This specific heat sink is typically used in the following electronic sectors:
1. **Telecommunications:** Cooling high-speed switching silicon.
2. **Embedded Computing:** Protecting industrial PC processors from thermal throttling.
3. **Power Electronics:** Managing heat in dense DC-DC converters.
4. **Networking:** Cooling ASICs in routers and servers where airflow may be directional.
---
- ⤷
How does the maxiGRIP™ attachment system compare to traditional push-pin mounting?
- ⤷ What is the impact of different LFM (Linear Feet per Minute) speeds on this heat sink's thermal resistance?
- ⤷ Are there alternative Thermal Interface Materials (TIM) available for this model?