ATS-61350W-C1-R0
AI

The **ATS-61350W-C1-R0** is a high-performance thermal management solution, specifically a **Heat Sink** designed for high-power electronic components. It belongs to the *maxiFLOW™* series manufactured by Advanced Thermal Solutions (ATS).
---
## 1. Technical Specifications
The following table outlines the physical and thermal properties of this specific part:
| Property | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions, Inc. (ATS) |
| **Series** | maxiFLOW™ |
| **Material** | Anodized Aluminum (Blue) |
| **Attachment Method** | maxiGRIP™ (Frame Clip) |
| **Dimensions** | 35.0mm x 35.0mm |
| **Height** | 24.5mm |
| **Thermal Resistance** | 2.05° C/W @ 200 LFM |
| **Airflow Direction** | Side (Horizontal) |
---
## 2. Key Electronic Components it Protects
While the ATS-61350W-C1-R0 is not an active electronic component itself, it is engineered to protect specific types of integrated circuits (ICs):
* **BGA (Ball Grid Array) Packages:** Its footprint is optimized for square BGA chips (35mm x 35mm).
* **CPUs and Microcontrollers:** Used in embedded systems where localized cooling is required.
* **FPGAs & ASICs:** Essential for high-gate-count chips that generate significant heat during high-speed data processing.
* **Telecommunications Gear:** Commonly found in routers, switches, and base station hardware.
---
## 3. Design Features
### A. maxiFLOW™ Fin Geometry
The "W" in the part number often refers to the **spread fin design**. Unlike straight-fin heat sinks, these fins flare outward. This increases the surface area and creates turbulence, which significantly improves heat dissipation in low-airflow environments.
### B. maxiGRIP™ Attachment
One of the most critical "electronic-friendly" features is the **maxiGRIP™** system:
1. **Plastic Frame Clip:** A frame snaps around the perimeter of the component.
2. **Stainless Steel Spring:** A "steady-force" spring clip applies uniform pressure across the chip.
3. **No Holes Required:** It eliminates the need to drill holes into the PCB, preserving circuit trace integrity.
### C. Interface Material
The part typically comes with a **Phase Change Material (PCM)** or high-performance thermal tape pre-applied to the base. This ensures there are no microscopic air gaps between the chip and the aluminum, maximizing heat transfer.
---
## 4. Part Number Breakdown
* **ATS:** Advanced Thermal Solutions (Manufacturer)
* **61350:** Designates the series and specific footprint (35mm).
* **W:** High-performance "Wide" fin geometry.
* **C1:** Indicates the type of thermal interface material or coating.
* **R0:** Revision code or packaging standard.
- ⤷
What is the difference between the maxiGRIP and superGRIP attachment systems?
- ⤷ How do I calculate the thermal resistance needed for my specific FPGA?
- ⤷ Does this heat sink come with a pre-applied thermal interface material?