AI

The **ATS-61375W-C2-R0** is a high-performance thermal management component manufactured by **Advanced Thermal Solutions (ATS)**. Specifically, it is a high-aspect-ratio heat sink designed for cooling electronic components in constrained spaces.
### 1. Technical Specifications
The following table summarizes the key physical and thermal characteristics of the part:
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Part Number** | ATS-61375W-C2-R0 |
| **Material** | Aluminum |
| **Finish** | Black Anodized |
| **Dimensions (L x W x H)** | 37.5mm x 37.5mm x 24.5mm |
| **Attachment Method** | thermal Adhesive / Tape (maxGRIP™ / superGRIP™ compatible) |
| **Fin Style** | Straight Fin (High Aspect Ratio) |
| **Thermal Resistance** | Variable (Approx. 2.5°C/W @ 200 LFM) |
---
### 2. Design Features
The "C2" series from ATS is known for its **straight-fin** design, which is optimized for specific airflow environments:
* **High Aspect Ratio:** The fins are thin and tall relative to their spacing, providing a large surface area for heat dissipation without significantly increasing the footprint of the component.
* **Material Efficiency:** Made from extruded aluminum, which offers an excellent balance between thermal conductivity, weight, and cost.
* **Surface Treatment:** The black anodized finish increases emissivity, which slightly improves cooling via radiation and protects the aluminum from corrosion.
---
### 3. Application Use Cases
This specific heat sink is typically used in the following electronic sectors:
1. **Telecommunications:** Cooling high-speed processors in routers, switches, and base stations.
2. **Embedded Computing:** Protecting SoCs (System on Chips) or FPGAs that generate significant heat in compact enclosures.
3. **Power Electronics:** Managing heat for power converters and high-density power modules.
### 4. Mounting and Thermal Interface
To achieve the rated performance, the ATS-61375W-C2-R0 requires a high-quality **Thermal Interface Material (TIM)**. It is often paired with:
* **Thermal Tape:** For quick, low-profile attachment.
* **Mechanical Clips:** Using the ATS maxGRIP™ or superGRIP™ frame systems which provide high pressure and vibration resistance without requiring holes in the PCB.
---
- ⤷What is the thermal resistance of this part at different airflow speeds?
- ⤷ How does the maxGRIP attachment system work for this heat sink?
- ⤷ Are there copper versions of this heat sink available for higher heat loads?