ATS-61425D-C1-R0
AI

The **ATS-61425D-C1-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is part of the "maxiFLOW™" series, specifically designed for cooling high-power electronic components like CPUs, GPUs, FPGAs, and ASICs.
---
### 1. Technical Specifications
The following table outlines the physical and thermal characteristics of the part:
| Characteristic | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | maxiFLOW™ |
| **Material** | Anodized Aluminum (Blue) |
| **Dimensions** | 42.00mm x 42.00mm x 9.50mm |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Thermal Resistance** | 2.50°C/W (at 200 LFM) |
| **Flow Direction** | Directional (High fin density) |
---
### 2. Key Electronic Features
#### A. Thermal Interface Material (TIM)
The "R0" suffix usually indicates that the heat sink comes pre-applied with **Chomerics T766**, a high-performance phase-change thermal interface material. This ensures low contact resistance between the electronic die and the aluminum base.
#### B. pushPIN™ Attachment
Unlike adhesive tapes that can fail under high heat, this part uses a mechanical **pushPIN™** system. This provides:
- **Consistent Pressure:** Ensures the thermal interface material is compressed evenly.
- **Reliability:** Secure mounting even in environments prone to shock or vibration.
- **Easy Installation:** Can be installed manually or with automated equipment.
#### C. Fin Geometry
The maxiFLOW™ design features a flared fin structure. This is critical for electronics because it increases the surface area for heat dissipation while maintaining a low pressure drop, making it highly efficient for forced-air cooling systems.
---
### 3. Common Applications
This specific footprint (42mm x 42mm) is common in the following electronic sectors:
* **Networking:** Routers, switches, and base stations.
* **Computing:** High-speed memory controllers and chipsets.
* **Industrial:** Power modules and motor controllers.
- ⤷
What are the compatible mounting hole dimensions for this heat sink?
- ⤷ How does the thermal resistance change at different airflows (LFM)?
- ⤷ Are there alternative attachment methods like thermal tape available for this model?