Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

  • ATS-P2-79-C3-R0

  • AI
    The **ATS-P2-79-C3-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It belongs to the *maxiFLOW™* product line, designed to provide efficient cooling for electronic components like BGAs (Ball Grid Arrays) and CPUs. --- ### Technical Specifications | Parameter | Specification | | :--- | :--- | | **Manufacturer** | Advanced Thermal Solutions Inc. (ATS) | | **Part Number** | ATS-P2-79-C3-R0 | | **Material** | Aluminum (Anodized Blue) | | **Attachment Method** | pushPIN™ (Brass Pins) | | **Thermal Resistance** | 2.63°C/W (Unducted Flow @ 200 LFM) | | **Dimensions (L x W x H)** | 25.0mm x 25.0mm x 30.0mm | | **Fin Style** | Straight Fin (Tapered) | | **Thermal Interface Material (TIM)** | T412 (Pre-applied) | --- ### Key Features and Electronic Functionality #### 1. Heat Dissipation Mechanism This part is a **passive cooling component**. Its primary function is to increase the surface area of a heat-generating semiconductor. By conducting heat away from the silicon die and into the aluminum fins, it allows ambient air to carry the energy away via convection, preventing thermal throttling or hardware failure. #### 2. pushPIN™ Attachment System Unlike adhesive-based heat sinks, the `-R0` series uses a mechanical **pushPIN™** system. This provides: * **Constant Pressure:** Ensures optimal contact between the heat sink base and the electronic chip. * **Reusability:** Can be removed for maintenance without damaging the PCB. * **Secure Fit:** Reduces the risk of the heat sink shifting during vibration or shipping. #### 3. maxiFLOW™ Design The "flared" fin geometry is engineered to maximize airflow efficiency. In dense electronic enclosures where space is limited, this design reduces pressure drop, allowing air to move more freely through the fins compared to standard straight-fin heat sinks. #### 4. Thermal Interface Material (T412) The "C3" in the part number indicates the inclusion of **T412 thermal tape**. In electronics, air gaps between a chip and a heat sink act as insulators. The T412 TIM fills these microscopic gaps, significantly improving the thermal conductivity between the electronic part and the cooling hardware. --- ### Applications in Electronics * **Telecommunications:** Cooling high-speed processors in routers and switches. * **Embedded Systems:** Thermal management for industrial PC components. * **Power Electronics:** Dissipating heat from MOSFETs or voltage regulators.
    ✨ Follow-up Questions
    • ⤷ How does the pushPIN mounting system compare to thermal adhesive in terms of reliability?
    • ⤷ What is the significance of the 'Blue Anodized' finish in electronic thermal management?
    • ⤷ How do I calculate if the 2.63°C/W thermal resistance is sufficient for my specific chip?