AVH-25LSFO301604
AI

Based on the product code provided (**AVH-25LSFO301604**), this appears to be a specific identifier for a **Vacuum Interrupter (VI)**, likely manufactured by or for a heavy electrical equipment company (such as ABB or similar regional manufacturers). These components are critical parts of high-voltage vacuum circuit breakers.
### Component Overview: Vacuum Interrupter
A Vacuum Interrupter is the "heart" of medium-to-high voltage circuit breakers. Its primary job is to extinguish an electric arc when a circuit is opened under load or during a fault (short circuit).
---
### Technical Breakdown of Parts
The device consists of several sophisticated sub-components designed to maintain a high vacuum and manage extreme electrical stress.
| Part Name | Material/Composition | Function |
| :--- | :--- | :--- |
| **Ceramic Insulator** | Alumina (Al2O3) | Provides structural integrity and electrical insulation between the two poles. |
| **Fixed Contact** | Chrome-Copper (CuCr) | Remains stationary; designed to handle high current without welding. |
| **Moving Contact** | Chrome-Copper (CuCr) | Moves to open/close the circuit; connected to the operating mechanism. |
| **Bellows** | Stainless Steel | A flexible metal "accordion" that allows the moving contact to travel without breaking the vacuum seal. |
| **Shielding (Arc Shield)** | High-purity Metal | Captures metal vapor during arcing to prevent it from coating the ceramic insulator. |
| **End Caps** | Stainless Steel or OFHC Copper | Seals the ends of the ceramic cylinder to maintain the vacuum environment. |
---
### Operational Characteristics
The "electronic" logic of this part is actually electromechanical. Here is how the internal physics work:
1. **Vacuum Environment:** The interior is kept at a vacuum pressure of roughly $10^{-7}$ to $10^{-4}$ Pa. This high dielectric strength allows for a very small gap between contacts.
2. **Arc Extinction:** When the contacts separate, a metal vapor arc is formed. Because there is no gas to ionize (vacuum), the arc naturally dissipates at the first "current zero" of the AC cycle.
3. **Contact Geometry:** The contacts often have a "Spiral" or "Transverse Contoured" shape. This uses the magnetic field generated by the current to force the arc to move rapidly around the surface, preventing local melting.
### Typical Specifications for this Class
* **Rated Voltage:** Usually 12kV to 24kV.
* **Rated Current:** Typically 630A to 1250A.
* **Short-circuit Breaking:** 20kA to 31.5kA.
---
- ⤷
What are the main maintenance requirements for a vacuum interrupter?
- ⤷ How do you test the integrity of the vacuum in this specific model?
- ⤷ What are the common failure modes for high-voltage circuit breaker components?