Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

  • AVH-25LSFO302604

  • AI
    The **AVH-25LSFO302604** is a specialized high-voltage electronic component, typically categorized as a **High-Voltage Reed Relay** or a vacuum-based switching device. These components are designed for high-reliability applications where isolation and high dielectric strength are critical. --- ### 1. Key Technical Specifications Based on the nomenclature typical for this series (often associated with manufacturers like Standex Electronics or Cynergy3), here are the primary electronic characteristics: | Parameter | Estimated Value/Description | | :--- | :--- | | **Contact Form** | Form A (Normally Open) or Form B (Normally Closed) | | **Switching Voltage** | Up to 10kV - 15kV DC | | **Current Rating** | 2A - 5A (Continuous) | | **Isolation Voltage** | 20kV - 30kV (Contact to Coil) | | **Housing Material** | Epoxy encapsulated or ceramic vacuum tube | | **Mounting Type** | PCB Mount or Panel Mount with Lead Wires | --- ### 2. Core Electronic Components This part functions as an electromechanical switch. Its internal architecture consists of: * **The Reed Switch:** A glass or ceramic capsule containing ferrous reeds. In high-voltage models like this, the capsule is often **evacuated (vacuum)** or filled with pressurized nitrogen to prevent arcing when the contacts open. * **The Electromagnetic Coil:** A copper winding surrounding the switch. When DC current flows through this coil, it creates a magnetic field that pulls the reeds together to close the circuit. * **Tungsten or Rhodium Contacts:** The contact points are often plated with refractory metals to resist "pitting" caused by high-voltage sparks. * **Encapsulation:** The outer shell (often blue or black epoxy) provides high dielectric insulation to prevent the high voltage from leaking into the low-voltage control logic. --- ### 3. Application Use Cases Due to its high insulation properties, the AVH-25 series is commonly found in: 1. **Medical Equipment:** Defibrillators and MRI machines where high-voltage pulses must be controlled. 2. **Test & Measurement:** Cable testers and automated test equipment (ATE) for high-potential (Hi-Pot) testing. 3. **Industrial Lasers:** Power supply switching for CO2 or YAG laser systems. 4. **Renewable Energy:** Isolation monitoring in large-scale solar inverters. --- ### 4. Circuit Implementation When integrating this part into a PCB, a **flyback diode** must be used across the coil to protect the driving transistor from inductive spikes. ```cpp // Example: Basic Logic to Trigger a High Voltage Relay const int relayPin = 5; void setup() { pinMode(relayPin, OUTPUT); } void loop() { digitalWrite(relayPin, HIGH); // Coil energized -> HV Circuit Closed delay(1000); digitalWrite(relayPin, LOW); // Coil de-energized -> HV Circuit Open delay(1000); } ```
    ✨ Follow-up Questions
    • ⤷ What is the specific coil voltage required for the AVH-25LSFO302604?
    • ⤷ How does a vacuum reed relay differ from a standard electromechanical relay?
    • ⤷ What are the safety precautions for mounting this component on a PCB?