Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

  • AVH-25LSFO502604

  • AI
    It appears you are inquiring about a specific electronic component or assembly identified by the part number **AVH-25LSFO502604**. This part number is characteristic of **Electrolytic Capacitors**, specifically surface-mount (SMD) aluminum electrolytic types often manufactured by brands like **Lelon** or **Samxon**. --- ### 1. Technical Specification Breakdown Based on standard naming conventions for this series, here is the technical breakdown of the part: | Parameter | Specification | Description | |:---|:---|:---| | **Series** | AVH | High temperature, long-life SMD series. | | **Voltage (WV)** | 25V | Rated for a maximum working voltage of 25 Volts DC. | | **Capacitance** | 50µF - 260µF* | The digits suggest a capacitance value (often 50-260 range depending on the specific vendor suffix). | | **Configuration** | LS (Low ESR) | Optimized for low equivalent series resistance. | | **Mounting Type** | SMD/V-Chip | Designed for surface mount technology on PCBs. | *Note: Part numbers can vary slightly by manufacturer. Typically, "25" refers to the Voltage and the following digits refer to the Capacitance in microfarads (µF).* --- ### 2. Key Features of the AVH Series The AVH prefix typically denotes a specific class of automotive or industrial grade capacitors: * **Temperature Tolerance:** Usually rated for **-40°C to +105°C** (or +125°C in some variants). * **Longevity:** Designed for high endurance, often rated for 2,000 to 5,000 hours at maximum temperature. * **Vibration Resistance:** The "V-Chip" design often includes anti-vibration bases for use in automotive electronics. * **Reflow Soldering:** Compatible with lead-free reflow soldering profiles. --- ### 3. Common Applications These electronic parts are generally found in the following circuits: 1. **DC-DC Converters:** Filtering input/output noise. 2. **Automotive ECU:** Power management for engine control units or infotainment systems. 3. **LED Lighting Drivers:** Smoothing the current for consistent light output. 4. **Telecommunications:** Power buffering in base station equipment. --- ### 4. Replacement and Cross-Reference If you are looking for a replacement, ensure the following parameters match or exceed the original: ```markdown 1. Capacitance (µF): Must be identical. 2. Voltage (V): Can be equal or higher (e.g., a 35V cap can replace a 25V cap). 3. Temperature: Must be equal or higher (e.g., 105°C). 4. Physical Size: Measure the diameter (D) and height (L) to ensure it fits the PCB footprint. ```
    ✨ Follow-up Questions
    • ⤷What is the exact capacitance value for this specific part number?
    • ⤷ Can I replace a 25V capacitor with a 50V capacitor in this circuit?
    • ⤷ Which manufacturers produce the AVH series of SMD capacitors?