AI

The part number **AVH-25LSFP3241604** appears to be a specialized component, likely a **Thin Film Chip Resistor** or a specific **High-Voltage/Precision Resistor** network, often used in automotive or industrial power electronics.
Based on standard naming conventions for electronic components of this type (such as those from manufacturers like Viking Tech or similar high-precision firms), here is the breakdown of its technical characteristics:
---
### Component Specifications Breakdown
| Segment | Code | Description |
| :--- | :--- | :--- |
| **Series** | `AVH` | Likely stands for **Anti-Sulfur** or **High-Voltage** Automotive Grade. |
| **Size** | `25` | Refers to the physical package size (e.g., 1210 or 2512 metric/imperial equivalent). |
| **Tolerance** | `L` | Typically indicates a precision tolerance, often **±0.01%** or **±0.1%**. |
| **Temp. Coefficient** | `S` | TCR (Temperature Coefficient of Resistance), likely **±5ppm/°C** or **±10ppm/°C**. |
| **Power Rating** | `F` | Standard code for power dissipation capacity. |
| **Resistance Value** | `3241` | The numerical resistance: **3.24 kΩ** (324 followed by 1 zero). |
| **Packaging/Special** | `604` | Manufacturing batch, internal code, or tape-and-reel specifications. |
---
### Core Electronic Functions
1. **Precision Voltage Division**: Due to the high precision (implied by the 'L' and 'S' codes), this part is used in circuits where exact voltage reference is required.
2. **Thermal Stability**: The component is designed to maintain its resistance value even as the device heats up, preventing "drift" in the circuit's performance.
3. **Automotive Reliability**: Parts with these prefixes are usually **AEC-Q200 qualified**, meaning they can withstand extreme vibrations, thermal cycling, and harsh environments.
---
### Typical Applications
* **BMS (Battery Management Systems):** Monitoring cell voltages in electric vehicles.
* **Inverters:** High-stability feedback loops for DC-AC conversion.
* **Industrial Controls:** Precision sensors and instrumentation where signal integrity is critical.
* **Medical Equipment:** Low-noise, high-accuracy measurement circuits.
---
### Technical Summary Table
| Feature | Attribute |
| :--- | :--- |
| **Component Type** | Surface Mount Device (SMD) Resistor |
| **Material** | Thin Film (Metal Film) |
| **Grade** | Automotive / Industrial Grade |
| **Mounting** | SMT (Surface Mount Technology) |
---
- ⤷Who is the primary manufacturer of the AVH series resistors?
- ⤷ What is the specific wattage rating for the 'F' power code in this series?
- ⤷ How does the anti-sulfur property benefit automotive electronics?