BAT54L-CB2-R
AI

## Technical Overview of BAT54L-CB2-R
The **BAT54L-CB2-R** is a high-performance, low-current Schottky Barrier Diode. It is widely used in electronic circuits for signal switching, clipping, and high-speed rectification due to its low forward voltage drop and fast switching capabilities.
---
### 1. Key Technical Specifications
The following table outlines the primary electrical characteristics of the BAT54L series:
| Parameter | Symbol | Value | Unit |
| :--- | :--- | :--- | :--- |
| **Maximum Repetitive Reverse Voltage** | $V_{RRM}$ | 30 | V |
| **Maximum Average Forward Current** | $I_F$ | 200 | mA |
| **Forward Voltage Drop** (at 1mA) | $V_F$ | ~0.24 | V |
| **Forward Voltage Drop** (at 100mA) | $V_F$ | ~0.80 | V |
| **Reverse Recovery Time** | $t_{rr}$ | 5.0 | ns |
| **Operating Junction Temperature** | $T_j$ | -55 to +125 | °C |
---
### 2. Physical and Packaging Information
The "CB2" and "R" suffixes typically refer to the specific package and tape-and-reel shipping format.
* **Package Type:** Often housed in an ultra-small surface-mount package such as **SOD-523** or **SOT-23** (depending on the specific manufacturer's suffix coding).
* **Lead-Free:** The "L" usually denotes a lead-free (RoHS compliant) construction.
* **Tape & Reel:** The "R" indicates the component is supplied in a reel format for automated Pick-and-Place assembly.
---
### 3. Core Features & Advantages
1. **Low Forward Voltage:** By utilizing a metal-to-silicon junction, it achieves a lower $V_F$ than standard silicon diodes, reducing power loss.
2. **Fast Switching:** The low junction capacitance and $t_{rr}$ make it ideal for high-frequency applications.
3. **Small Form Factor:** The miniature footprint saves significant PCB real estate in mobile and portable devices.
---
### 4. Typical Applications
* **Reverse Polarity Protection:** Protecting low-power circuits from battery insertion errors.
* **Voltage Clamping:** Limiting voltage spikes in signal lines to protect sensitive IC inputs.
* **Mixers and Detectors:** Used in RF circuits for signal demodulation.
* **Switching Regulators:** Acting as a freewheeling diode in low-current DC-DC converters.
---
### 5. Equivalent Circuit Representation
In a schematic, it is represented by the standard Schottky Diode symbol:
```text
Anode Cathode
|----|>|-------|
(Schottky)
```
- ⤷
What are the main differences between the BAT54L and a standard 1N4148 diode?
- ⤷ How does temperature affect the reverse leakage current of the BAT54L?
- ⤷ Which specific SMD footprint does the CB2 suffix correspond to in the UTC datasheet?