Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

  • BL-R2132R

  • AI
    ## Overview of the BL-R2132R Module The **BL-R2132R** is a highly integrated, low-power **Wi-Fi + Bluetooth Combo Module**. It is widely used in IoT devices, smart home appliances, and consumer electronics to provide wireless connectivity. ### Technical Specifications | Parameter | Specification | | :--- | :--- | | **Main Chipset** | Realtek RTL8723DS | | **Wi-Fi Standard** | IEEE 802.11b/g/n | | **Bluetooth Standard** | Bluetooth v2.1/4.2 Dual Mode | | **Interface** | SDIO 1.1/2.0 (Wi-Fi) / UART (Bluetooth) | | **Frequency Range** | 2.400GHz ~ 2.4835GHz | | **Data Rate** | Up to 150Mbps (Wi-Fi) | | **Operating Voltage** | 3.3V (±0.2V) | | **Antenna Type** | External (IPEX connector or Stamp hole) | --- ### Core Components and Hardware Architecture The module consists of several critical electronic sections that allow it to function as a bridge between a host processor and a wireless network: #### 1. The SoC (System on Chip) At the heart of the BL-R2132R is the **Realtek RTL8723DS**. This chip integrates: * **MAC/Baseband Processor:** Handles the framing and timing of data. * **RF Transceiver:** Manages the conversion of digital data into radio waves and vice versa. * **Power Management Unit (PMU):** Optimizes energy consumption, making it suitable for battery-operated devices. #### 2. RF Front-End * **Band Pass Filter (BPF):** Filters out noise from other frequencies to ensure clear signal reception. * **Crystal Oscillator:** Usually a 40MHz crystal that provides the clock signal for frequency synthesis and timing. #### 3. Host Interfaces The module communicates with a Host (like an ARM processor or a Microcontroller) via: * **SDIO:** High-speed interface for Wi-Fi data transfer. * **UART:** Dedicated serial communication for Bluetooth commands and data. * **PCM/I2S:** Used specifically for digital audio data in Bluetooth applications. --- ### Pin Configuration (Example Snippet) The module typically uses a "Stamp Hole" (Castellated) package for surface mounting. ```markdown Pin 1: VDD33 (Power Supply 3.3V) Pin 2: SD_D3 (SDIO Data Line 3) Pin 3: SD_D2 (SDIO Data Line 2) Pin 4: SD_D1 (SDIO Data Line 1) Pin 5: SD_D0 (SDIO Data Line 0) Pin 6: SD_CMD (SDIO Command) Pin 7: SD_CLK (SDIO Clock) Pin 8: GND (Ground) ``` --- ### Applications * **OTT Boxes:** Providing internet and remote control connectivity. * **IP Cameras:** Streaming video over Wi-Fi. * **Smart Speakers:** Bluetooth audio streaming and Wi-Fi control. * **Industrial PDAs:** Rugged handheld devices requiring wireless data sync.
    ✨ Follow-up Questions
    • ⤷ What are the power consumption levels of the BL-R2132R in deep sleep mode?
    • ⤷ Does the BL-R2132R support Linux or Android driver integration?
    • ⤷ Can this module support 5GHz Wi-Fi frequencies?