Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

  • BL-R3133A

  • AI
    The **BL-R3133A** is a highly integrated, low-power, single-chip IEEE 802.11b/g/n WLAN (Wireless LAN) module. It is commonly used in IoT devices, smart appliances, and networking hardware due to its compact form factor and SDIO interface. --- ## 1. Technical Specifications The core of the BL-R3133A is typically based on the **Realtek RTL8188FTV** or similar chipset. Below are the primary specifications: | Parameter | Details | | :--- | :--- | | **Standard** | IEEE 802.11b/g/n | | **Interface** | SDIO 1.1/2.0/3.0 | | **Frequency Range** | 2.412GHz ~ 2.484GHz | | **Data Rate** | Up to 150Mbps (802.11n) | | **Modulation** | OFDM, DBPSK, DQPSK, CCK | | **Operating Voltage** | 3.3V (±0.2V) | | **Antenna** | External via IPEX connector or PCB trace | --- ## 2. Key Components & Features The module consists of several critical electronic sections: ### A. The Main SoC (System on Chip) The heart of the module is the **Realtek RTL8188FTV**. This chip integrates: * **MAC (Media Access Control):** Handles the protocol logic. * **Baseband:** Processes the digital signals. * **Radio (RF):** Manages the analog transmission and reception. ### B. Power Management * **LDO Regulators:** The module converts the 3.3V input to lower voltages required by the core logic (usually 1.1V or 1.2V). * **Power Consumption:** Designed for efficiency, with support for deep sleep and "wake-on-wireless" modes. ### C. RF Front End * **Crystal Oscillator:** Usually a 40MHz crystal provides the clock frequency for the RF synthesizer. * **Filters:** Band-pass filters ensure that signals outside the 2.4GHz range are suppressed to prevent interference. * **Antenna Interface:** Features a 50-ohm impedance matching circuit to ensure maximum power transfer to the antenna. --- ## 3. Pinout Description The module generally uses a stamp-hole (castellated) design for surface mounting. | Pin Type | Function | | :--- | :--- | | **VCC** | 3.3V Main Power Supply | | **GND** | System Ground | | **SDIO_D0-D3** | Data lines for high-speed communication with the Host CPU | | **SDIO_CLK** | Clock signal for data synchronization | | **SDIO_CMD** | Command line for SDIO protocol | | **WL_EN** | Hardware Enable / Reset pin | --- ## 4. Typical Applications * **IP Cameras:** For wireless video streaming. * **Set-Top Boxes:** Providing Wi-Fi connectivity to TVs. * **Portable Devices:** Handheld terminals and tablets. * **Smart Home:** Smart plugs and lighting controllers.
    ✨ Follow-up Questions
    • ⤷ What are the differences between SDIO and USB versions of this module?
    • ⤷ How do I configure the Linux driver for the RTL8188FTV chipset?
    • ⤷ What is the maximum power consumption during peak transmission?