Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

  • BL-R4534

  • AI
    The **BL-R4534** is a high-performance, low-cost wireless network interface controller (WNIC) module. It is primarily based on the **Realtek RTL8188EUS** chipset and is designed for integrated applications requiring Wi-Fi connectivity via a USB interface. --- ## 1. Core Technical Specifications The module operates in the 2.4GHz ISM band and adheres to the IEEE 802.11b/g/n standards. | Feature | Specification | | :--- | :--- | | **Chipset** | Realtek RTL8188EUS | | **Interface** | USB 2.0 / 1.1 | | **Frequency Range** | 2.400GHz ~ 2.4835GHz | | **Data Rates** | 150Mbps (802.11n), 54Mbps (802.11g), 11Mbps (802.11b) | | **Modulation** | OFDM, CCK, DQPSK, DBPSK | | **Operating Voltage** | 3.3V ± 0.2V | | **Antenna Type** | External (Requires IPEX connector or solder pad) | --- ## 2. Key Electronic Components The BL-R4534 is a compact PCB assembly consisting of several critical electronic segments: ### A. Integrated Circuit (IC) * **RTL8188EUS:** The "brain" of the module. It integrates the MAC (Media Access Control), a 1T1R (1 Transmit, 1 Receive) Baseband, and the RF (Radio Frequency) radio into a single chip. ### B. RF Front-End * **Crystal Oscillator:** Typically a 40MHz crystal that provides the clock frequency for the SoC. * **Filter/Matching Circuit:** A network of small capacitors and inductors (LC circuits) designed to match impedance to 50 ohms for the antenna and filter out harmonics. ### C. Power Management * **LDO (Low Dropout Regulator):** While the module takes 3.3V, internal components may require lower voltages (e.g., 1.2V for the core). * **Decoupling Capacitors:** Small SMD capacitors placed near the power pins to reduce noise and stabilize the voltage supply. --- ## 3. Pinout and Connectivity The module usually features a 4-pin or 6-pin interface for easy integration into host systems like ARM-based SBCs or microcontrollers. | Pin Number | Name | Description | | :--- | :--- | :--- | | 1 | **3.3V** | Power Supply (Positive) | | 2 | **USB D-** | USB Data Negative | | 3 | **USB D+** | USB Data Positive | | 4 | **GND** | Ground | | 5 | **RF/ANT** | Antenna output (if not using IPEX) | --- ## 4. Typical Applications Because of its small form factor and USB interface, it is commonly found in: * **IP Cameras:** For wireless video transmission. * **Set-Top Boxes:** Adding Wi-Fi capabilities to TVs. * **OTT Boxes:** Android-based media players. * **Industrial Control:** Remote monitoring via wireless LAN. --- ## 5. Implementation Example To interface this with a Linux-based system, the `rtl8188eu` driver is required. In a schematic, the connection would look like this: ```c // Pseudo-code for Pin connection Module Pin 1 (3.3V) <---> LDO Output (3.3V) Module Pin 2 (D-) <---> Processor USB_OTG_D- Module Pin 3 (D+) <---> Processor USB_OTG_D+ Module Pin 4 (GND) <---> Common Ground ```
    ✨ Follow-up Questions
    • ⤷ What are the power consumption levels for the BL-R4534 in transmit vs. standby mode?
    • ⤷ Does this module support Soft-AP (Access Point) mode?
    • ⤷ What is the physical dimension and PCB footprint for this specific module?