AI

The part number **C1206Y393DGGACTU** refers to a specific Surface Mount (SMD) Multilayer Ceramic Capacitor (MLCC) manufactured by **KEMET**. This specific component belongs to their "Floating Electrode" (FE-CAP) series, designed for high-reliability and fail-safe applications.
---
## 1. Technical Specifications
Below are the electrical and physical characteristics of the component:
| Feature | Specification |
| :--- | :--- |
| **Capacitance** | 39,000 pF (0.039 µF) |
| **Tolerance** | ±0.5% (D) |
| **Voltage Rating (DC)** | 2000 V (2 kV) |
| **Dielectric Material** | C0G (NP0) - Ultra-Stable |
| **Case Size (Inch/Metric)** | 1206 / 3216 |
| **Operating Temperature** | -55°C to +125°C |
| **Termination** | 100% Matte Tin (Sn) over Nickel (Ni) |
---
## 2. Part Number Breakdown
Understanding the KEMET nomenclature for this specific part:
1. **C**: Ceramic Capacitor.
2. **1206**: Case size (approx. 0.12" x 0.06").
3. **Y**: Floating Electrode (High Voltage, Fail-Safe design).
4. **393**: Capacitance code (39 followed by 3 zeros = 39,000 pF).
5. **D**: Capacitance tolerance (±0.5%).
6. **G**: Voltage rating (2000V).
7. **G**: Dielectric type (C0G/NP0).
8. **A**: Packaging/Grade (Standard).
9. **C**: Termination finish (Standard Tin).
10. **TU**: 7" Plastic Embossed Tape & Reel packaging.
---
## 3. Key Electronic Features
### Floating Electrode (FE-CAP) Design
The "Y" in the part number indicates a **Floating Electrode** structure. This design features internal electrodes that are not connected to the external terminations.
- **Benefit:** If the capacitor cracks due to mechanical stress or thermal shock, it is significantly less likely to form a short circuit. Instead, it fails as an open circuit or with a minor loss of capacitance.
### C0G (NP0) Dielectric
This is a Class I material, meaning it is **ultra-stable**:
- **Zero Drift:** Capacitance does not change significantly with time or voltage.
- **Temperature Stability:** The capacitance remains constant across the entire operating temperature range.
- **Low Loss:** It has extremely low dissipation factor (high Q), making it ideal for high-frequency applications.
### High Voltage Capability
Rated at **2000V**, this capacitor is built for power electronics, high-voltage coupling, and surge protection where standard 50V or 100V capacitors would fail.
---
## 4. Typical Applications
* **Power Supplies:** Input filters and snubbers in high-voltage DC-DC converters.
* **Inverters:** Used in solar or automotive power systems.
* **High-Frequency Circuits:** Resonant circuits where stability and low loss are critical.
* **Safety Critical Systems:** Automotive or industrial sensors where a short-circuit failure could lead to catastrophic system damage.
- ⤷
What are the mechanical stress limits for the 1206 case size in high-vibration environments?
- ⤷ How does C0G dielectric compare to X7R in terms of capacitance aging?
- ⤷ Are there AEC-Q200 qualified versions of the FE-CAP series available?