C20-R18K
AI

The part number **C20-R18K** typically refers to a **Surface Mount Device (SMD) Thick Film Chip Resistor**. In electronic component nomenclature, this coding follows a specific standard used by manufacturers like *Yageo*, *Panasonic*, or *Vishay*.
---
### 1. Breakdown of the Component Code
| Code Segment | Meaning | Description |
| :--- | :--- | :--- |
| **C** | Chip | Refers to the physical form factor (Chip Resistor). |
| **20** | Size Code | Corresponds to the **0805** imperial size (approx. 2.0mm x 1.25mm). |
| **R** | Component Type | Indicates a Resistor. |
| **18K** | Resistance Value | **18,000 Ohms** (18 kΩ). |
---
### 2. Technical Specifications
Based on standard industry data for a "20" series (0805 size) resistor:
* **Resistance Value:** 18 kΩ (18,000 Ohms).
* **Package Size:** 0805 (Metric 2012).
* **Dimensions:** 2.00mm x 1.25mm.
* **Power Rating:** Typically **1/8W (0.125W)** or **1/10W (0.10W)** depending on the manufacturer.
* **Tolerance:** Usually **±1%** (indicated by an 'F' in extended codes) or **±5%** (indicated by a 'J').
* **Temperature Coefficient:** ±100ppm/°C to ±200ppm/°C.
---
### 3. Usage in Circuitry
The **18kΩ resistor** is a versatile value commonly used for the following functions:
1. **Pull-up/Pull-down Resistors:** Used in digital logic to ensure a pin stays at a defined high or low state.
2. **Voltage Dividers:** Often paired with another resistor to scale down a voltage for ADC (Analog to Digital Converter) inputs.
3. **Current Limiting:** Used to limit the current flowing through low-power LEDs or transistor bases.
4. **RC Filters:** Combined with a capacitor to create timing circuits or signal filters.
---
### 4. Typical Marking (Coding on Component)
Because SMD resistors are very small, the value "18K" is often printed using a 3-digit or 4-digit code:
* **3-Digit Code:** `183` (18 followed by 3 zeros = 18,000).
* **4-Digit Code (Precision):** `1802` (180 followed by 2 zeros = 18,000).
- ⤷What is the difference between 0805 and 0603 resistor sizes?
- ⤷ How do I calculate the maximum voltage for an 18k resistor?
- ⤷ What does the 'K' specifically stand for in the tolerance rating?