Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

  • CA-RSPNMB001

  • AI
    The **CA-RSPNMB001** is a specialized RF (Radio Frequency) adapter cable commonly used in telecommunications, industrial wireless systems, and IoT deployments. It acts as an interface bridge between different connector standards. --- ## 1. Technical Specifications The primary function of this part is to convert a **Reverse Polarity SMA (RP-SMA) Male** connection to an **N-Type Bulkhead Male** connection. | Feature | Specification | | :--- | :--- | | **Connector A** | RP-SMA Male (Reverse Polarity) | | **Connector B** | N-Type Male (Standard) | | **Cable Type** | Typically RG58 or LMR-195 (High Shielding) | | **Impedance** | 50 Ohms | | **Frequency Range** | DC to 6 GHz (Application dependent) | | **Body Material** | Brass with Nickel or Gold plating | --- ## 2. Key Electronic Components ### A. RP-SMA Male Connector * **Reverse Polarity:** Unlike a standard SMA, the RP-SMA male has a threaded housing with a **socket (female pin)** instead of a center pin. * **Usage:** This is the industry standard for Wi-Fi antennas and routers to comply with FCC regulations intended to prevent users from connecting high-gain professional antennas to consumer gear. ### B. N-Type Male Connector * **Physicality:** A much larger, ruggedized connector designed for outdoor use. * **Weatherproofing:** It often features an internal O-ring to provide a moisture-resistant seal, making it ideal for base stations and external enclosures. ### C. Coaxial Cabling * The internal conductor is usually stranded copper, surrounded by a dielectric insulator, a braided shield, and an outer jacket. * **Loss Profile:** Because this is usually a short "pigtail" cable, the signal loss (attenuation) is minimal, generally staying below 0.5dB depending on the frequency. --- ## 3. Applications and Use Cases 1. **Wi-Fi Extension:** Connecting a standard Wi-Fi router (RP-SMA) to a large outdoor directional antenna (N-Type). 2. **Helium/LoRaWAN Miners:** Frequently used to connect Hotspots (like Bobcat or SenseCAP) to high-gain fiberglass antennas. 3. **Industrial IoT:** Bridging internal PCB-mounted modules to external chassis-mounted antennas. --- ## 4. Signal Integrity Considerations * **VSWR (Voltage Standing Wave Ratio):** High-quality versions of this part aim for a VSWR of < 1.35:1 to ensure maximum power transfer and minimum reflection. * **Shielding:** The use of double-shielded cable (like LMR series) helps prevent EMI (Electromagnetic Interference) from leaking into or out of the assembly.
    ✨ Follow-up Questions
    • ⤷ What is the maximum frequency range this cable can handle without significant signal loss?
    • ⤷ How does an RP-SMA connector differ physically from a standard SMA connector?
    • ⤷ Is this cable suitable for outdoor weather exposure without additional protection?