CD08RM0AB-R
AI

The **CD08RM0AB-R** is a specific model of a **Rotary DIP Switch** manufactured by C&K (now part of Littelfuse). These components are commonly used on printed circuit boards (PCBs) to set binary-coded configurations manually.
---
## 1. Core Technical Specifications
The model number encodes specific features of the switch. Here is the breakdown of its technical characteristics:
| Feature | Specification |
| :--- | :--- |
| **Switch Type** | Rotary DIP Switch |
| **Output Code** | Binary Coded Decimal (BCD) |
| **Number of Positions** | 8 Positions (0 through 7) |
| **Actuator Style** | Flush (requires a screwdriver or tool to turn) |
| **Mounting Type** | Through-Hole, Right Angle |
| **Contact Rating** | 0.4 VA @ 20V AC/DC (Logic Level) |
| **Operating Temp** | -25°C to 85°C |
| **Termination** | PC Pins (Gold plated contacts) |
---
## 2. Pin Configuration and Logic
As a BCD (Binary Coded Decimal) switch with 8 positions, it translates the physical rotation of the dial into a 3-bit binary output across its output pins.
### Logic Truth Table (8-Position)
| Position | Pin 1 (1) | Pin 2 (2) | Pin 3 (4) | Common |
| :--- | :--- | :--- | :--- | :--- |
| **0** | Open | Open | Open | Closed |
| **1** | Closed | Open | Open | Closed |
| **2** | Open | Closed | Open | Closed |
| **3** | Closed | Closed | Open | Closed |
| **4** | Open | Open | Closed | Closed |
| ... | ... | ... | ... | ... |
| **7** | Closed | Closed | Closed | Closed |
---
## 3. Key Electronic Features
### A. Right Angle Orientation
The **"AB"** in the part number signifies the **Right Angle** mount. This allows the switch to be adjusted from the side of a PCB, which is ideal for devices where the top of the board is covered by a housing or another shield.
### B. Process Sealed
The **"R"** suffix typically indicates that the part is supplied in **Tape & Reel** or is **Process Sealed**. This means the internal contacts are protected by an O-ring or seal, allowing the PCB to undergo automated wave soldering and cleaning (washing) without contaminating the contacts.
### C. Logic Level Switching
Because the contacts are gold-plated and rated for **0.4 VA**, this switch is designed for **signal-level switching** only. It should be connected to high-impedance inputs (like a microcontroller's GPIO) and not used to switch power loads directly.
---
## 4. Common Applications
* **Address Setting:** Assigning a unique ID to a device on a bus (e.g., RS-485 or DMX networks).
* **Mode Selection:** Selecting between different operating firmware modes without needing a screen or interface.
* **Industrial Controls:** Setting timers, limits, or configuration parameters on PLC modules.
- ⤷
What is the difference between BCD and Hexadecimal rotary switches?
- ⤷ Can this switch be used with 5V microcontrollers like Arduino?
- ⤷ What tool is required to adjust the flush actuator on this model?