CFUKF455KA2X-R0
AI

## Analysis of CFUKF455KA2X-R0
The **CFUKF455KA2X-R0** is a high-performance ceramic filter manufactured by Murata Electronics. It belongs to the **CFUKF** series, which are small, lightweight filters designed for use in the intermediate frequency (IF) stages of communication equipment.
---
### 1. Key Technical Specifications
The following table outlines the primary electronic characteristics of this component:
| Parameter | Specification |
| :--- | :--- |
| **Center Frequency (fo)** | 455.0 kHz |
| **Bandwidth at 6dB (min)** | ±7.5 kHz |
| **Bandwidth at 50dB (max)** | ±15.0 kHz |
| **Insertion Loss (max)** | 6.0 dB |
| **Stop Band Attenuation (min)** | 60 dB (within fo ±100kHz) |
| **Input/Output Impedance** | 1500 $\Omega$ |
| **Mounting Type** | Surface Mount (SMD) |
---
### 2. Functional Description
Ceramic filters like the CFUKF455KA2X-R0 utilize the **piezoelectric effect** to convert electrical signals into mechanical vibrations and back into electrical signals.
* **Selectivity:** Its primary role is to provide high selectivity in the 455 kHz IF stage, effectively filtering out noise and adjacent channel interference.
* **Design:** It features a "GDT" (Group Delay Time) design characteristic, which helps minimize signal distortion, making it ideal for digital communication.
* **Form Factor:** As an SMD component, it is designed for automated pick-and-place assembly, saving significant space on the PCB compared to traditional leaded filters.
---
### 3. Application Areas
This part is commonly found in:
* **Land Mobile Radios:** Handheld and vehicle-mounted two-way radios.
* **Cordless Phones:** Standard communication devices.
* **AM Receivers:** High-end AM radio processing.
* **Digital Data Communication:** Equipment requiring precise signal filtering at the 455 kHz frequency.
---
### 4. Part Number Breakdown
| Prefix | Series | Frequency | Design/Tolerance | Packaging |
| :--- | :--- | :--- | :--- | :--- |
| **CFU** | Ceramic Filter Unit | **455** (kHz) | **KA2X** (Bandwidth/Characteristics) | **R0** (Tape & Reel) |
---
- ⤷
What are the main differences between the CFUKF and the standard CFUKG series?
- ⤷ How does the impedance matching of 1500 Ohms affect the surrounding circuit design?
- ⤷ Are there specific soldering temperature profiles recommended for this SMD ceramic filter?