Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

  • CGAT-R-9SLASH3-0

  • AI
    The **CGAT-R-9/3-0** is a specific model of heat-shrinkable tubing manufactured by **TE Connectivity (Raychem)**. This product is widely used in electronic and electrical assemblies for insulation, strain relief, and environmental protection. --- ### 1. Technical Specifications Breakdown The part number follows a specific nomenclature that describes its physical properties: | Feature | Specification | Description | | :--- | :--- | :--- | | **Series** | CGAT | High-performance, adhesive-lined heat shrink. | | **Ratio** | 3:1 | Shrinks to 1/3 of its original diameter. | | **Expanded ID** | 9 mm | Inner diameter before heat is applied. | | **Recovered ID** | 3 mm | Maximum inner diameter after full shrinkage. | | **Color** | -0 (Black) | Standard industrial black color. | --- ### 2. Key Electronic Properties The CGAT series is distinct from standard heat shrink due to its dual-wall construction and high-grade materials. * **Adhesive Lining (Dual Wall):** The "A" in CGAT stands for Adhesive. When heated, the inner wall melts and flows, creating a moisture-proof seal around the component or wire splice. * **Dielectric Strength:** It provides excellent electrical insulation, typically rated for up to **25 kV/mm**, preventing short circuits in dense electronic layouts. * **Chemical Resistance:** Designed to resist common electronic solvents, fuels, and lubricants, making it suitable for automotive and industrial electronics. * **Operating Temperature:** Typically rated for operation between **-55°C to +110°C**. * **Shrink Temperature:** Begins shrinking at **80°C**, with full recovery at **115°C**. --- ### 3. Common Applications In the field of electronics and electrical engineering, CGAT-R-9/3-0 is used for: 1. **Wire Splice Sealing:** Encapsulating solder or crimp joints to prevent oxidation and water ingress. 2. **Strain Relief:** Strengthening the connection point where a wire enters a connector or a PCB. 3. **Breakout Protection:** Used in cable harnesses to protect the point where a single cable splits into multiple wires. 4. **Environmental Sealing:** Protecting sensitive components from humidity and dust in outdoor or harsh environment equipment. --- ### 4. Installation Best Practices ```bash # Recommended Tools 1. Heat Gun (with adjustable temperature) 2. Reflector Nozzle (to ensure even heat distribution) # Process - Slide tubing over the component before soldering/connecting. - Center the tubing over the joint. - Apply heat from the center outward to avoid trapping air bubbles. - Ensure the internal adhesive (meltable liner) is visible at the ends for a complete seal. ```
    ✨ Follow-up Questions
    • What is the difference between CGAT and CGPT heat shrink tubing?
    • Are there flame-retardant versions of this specific adhesive-lined tubing?
    • How does the 3:1 shrink ratio compare to 2:1 for irregular connector shapes?