Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

  • CK45-R3FD331K-GRA

  • AI
    The **CK45-R3FD331K-GRA** is a specific high-voltage ceramic disc capacitor manufactured by **TDK Corporation**. This component is designed for power supply circuits and general electronic applications requiring noise suppression or high-voltage handling. --- ## 1. Technical Specifications Breakdown The part number follows a specific nomenclature that describes its physical and electrical characteristics: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Capacitance** | 330 pF | Indicated by "331" (33 x 10^1) | | **Tolerance** | ±10% | Indicated by "K" | | **Rated Voltage** | 3000V (3kV) DC | Indicated by "3F" | | **Temperature Char.** | R (Y5P) | ±10% capacitance change from -25°C to +85°C | | **Lead Type** | Radial / Long Lead | Standard through-hole mounting | | **Series** | CK45 | TDK's high-voltage ceramic series | --- ## 2. Component Composition & Structure ### Dielectric Material The "R" (Y5P) characteristic indicates a **Class II Ceramic**. These are formulated with Barium Titanate. * **Pros:** Higher volumetric efficiency (smaller size for the capacitance). * **Cons:** Capacitance varies slightly with temperature and applied voltage compared to Class I (C0G/NP0) capacitors. ### Construction * **Electrodes:** Metallic layers deposited on the ceramic disc. * **Coating:** Encapsulated in flame-retardant epoxy resin (UL94V-0 compliant) for moisture resistance and insulation. * **Leads:** Tin-plated copper-clad steel wire. --- ## 3. Typical Applications Because of its high voltage rating (3kV) and compact size, this part is commonly used in: 1. **Snubber Circuits:** Absorbing voltage spikes in switching power supplies (SMPS). 2. **Horizontal Resonance:** Used in older CRT displays and modern high-voltage lighting ballasts. 3. **Noise Suppression:** Filtering high-frequency noise in DC lines. 4. **Coupling/Decoupling:** Blocking DC while allowing high-frequency signals in power distribution. --- ## 4. Safety and Reliability * **RoHS/REACH:** This part is compliant with environmental regulations (Lead-free and Halogen-free). * **Voltage Margin:** Designed to withstand test voltages higher than the 3kV rating for short periods to ensure long-term reliability against surges.
    ✨ Follow-up Questions
    • ⤷ What are the physical dimensions (diameter and lead spacing) for this specific capacitor?
    • ⤷ What is the difference between Y5P and Y5V temperature characteristics for ceramic capacitors?
    • ⤷ Can this capacitor be used in AC line filter applications
    • ⤷ or is it strictly for DC?