CM252016-R22M
AI

The **CM252016-R22M** is a surface-mount (SMD) wire-wound chip inductor commonly used in high-frequency circuits. It is part of the standard 1008 (2520 metric) series of electronic components.
---
### 1. Part Number Breakdown
The part number follows a standardized naming convention used by manufacturers like **Bourns**:
| Segment | Meaning | Specification |
| :--- | :--- | :--- |
| **CM** | Product Series | Chip Inductor, Wire-wound |
| **252016** | Dimensions | 2.5mm x 2.0mm x 1.6mm (Length x Width x Height) |
| **R22** | Inductance Value | 0.22 µH (Microhenries) |
| **M** | Tolerance | ±20% |
---
### 2. Technical Specifications
The electrical characteristics of this component define its suitability for specific RF (Radio Frequency) applications:
* **Inductance:** 0.22 µH
* **Case Size:** 1008 (Metric 2520)
* **Q-Factor (Quality Factor):** Typically high (approx. 25–30 at a specific test frequency), indicating low energy loss.
* **Self-Resonant Frequency (SRF):** Usually around 450 MHz. This is the frequency limit beyond which the part behaves like a capacitor rather than an inductor.
* **DC Resistance (DCR):** Low (typically < 1.0 Ohm), which helps minimize heat dissipation and power loss.
* **Rated Current:** Usually ranges between 200mA and 450mA depending on the specific manufacturer's thermal rating.
---
### 3. Key Features and Applications
The wire-wound construction provides better performance compared to multilayer inductors in specific scenarios:
#### Features:
* **High Q-Factor:** Excellent for signal purity in resonant circuits.
* **Stable Performance:** The ceramic or ferrite core provides stability across a wide temperature range.
* **Small Footprint:** The 2520 package is ideal for compact PCB designs.
#### Typical Applications:
1. **RF Circuits:** Used in impedance matching and filtering for wireless communication (Wi-Fi, Bluetooth).
2. **Signal Conditioning:** Decoupling and noise suppression in high-speed data lines.
3. **Power Management:** Small DC-DC converters where low-current inductance is required.
---
### 4. Footprint and Soldering
The component is designed for **Pick-and-Place** automated assembly.
```markdown
Land Pattern Recommendation (Approximate):
- Pad Width: 2.0 mm
- Pad Length: 1.0 mm
- Space Between Pads: 1.2 mm
```
- ⤷
What are the main differences between a wire-wound inductor and a multilayer inductor?
- ⤷ Can you explain how the Q-factor affects the performance of this inductor?
- ⤷ What is the typical operating temperature range for the CM252016 series?