Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

  • CMLE051E-R47MS

  • AI
    ### Analysis of the CMLE051E-R47MS Electronic Component The **CMLE051E-R47MS** is a high-performance, low-profile **Power Inductor** (specifically a molded power choke) manufactured by **Cyntec**. It is designed for high-density DC-DC converter applications where space and efficiency are critical. --- ### 1. Technical Specifications Below is a breakdown of the electrical and physical characteristics: | Parameter | Value | Description | | :--- | :--- | :--- | | **Inductance** | 0.47 µH | The nominal inductance value. | | **Tolerance** | ±20% (M) | Allowable deviation from nominal inductance. | | **DC Resistance (Max)** | ~5.5 mΩ | Internal resistance (DCR) affecting heat/efficiency. | | **Saturation Current** | ~14 - 16 A | Current at which inductance drops by 30%. | | **Heat Rating Current** | ~11 - 13 A | Current that causes a 40°C temperature rise. | | **Dimensions** | 5.4 x 5.2 x 1.5 mm | Small footprint (051E series). | | **Construction** | Metal Alloy | Molded powder for high saturation and low EMI. | --- ### 2. Part Number Deciphering To understand the specific features, we can break down the part number: * **CML**: Series code (Cyntec Molded Low-profile inductor). * **E**: Material type (likely optimized for specific frequency ranges). * **051E**: Package size (approx. 5.4 x 5.2 mm with a 1.5 mm height). * **R47**: Inductance value (R47 = 0.47 µH). * **M**: Tolerance (M = ±20%). * **S**: Special code or suffix for standard/shielded specifications. --- ### 3. Key Features & Applications #### Features * **Shielded Construction:** The molded metal powder body acts as a natural magnetic shield, significantly reducing Electromagnetic Interference (EMI). * **High Saturation:** Unlike ferrite inductors, these have a "soft" saturation curve, meaning they don't lose performance suddenly under high current loads. * **Low Profile:** The "E" height (1.5mm) makes it suitable for slim devices like smartphones and tablets. #### Common Applications 1. **Voltage Regulator Modules (VRM):** Used in CPU/GPU power delivery. 2. **Mobile Devices:** Power management in smartphones, tablets, and wearable tech. 3. **DC/DC Converters:** High-frequency switching power supplies. 4. **Automotive Electronics:** Infotainment and ADAS sensors (if AEC-Q200 qualified). --- ### 4. Comparison with Standard Inductors Compared to traditional wire-wound ferrite inductors, the **CMLE series** offers: 1. **Higher Current Density:** Handles more Amps in a smaller package. 2. **Better Thermal Stability:** Performs more consistently across a wide temperature range. 3. **Lower Acoustic Noise:** The molded structure reduces "coil whine" caused by magnetostriction.
    ✨ Follow-up Questions
    • ⤷ What is the maximum operating temperature for the CMLE051E series?
    • ⤷ How does the saturation current of metal alloy inductors compare to ferrite core inductors?
    • ⤷ What are the recommended footprint dimensions for PCB soldering?