CPL2-4-50TR-R
AI

## Electronic Specifications and Overview: CPL2-4-50TR-R
The **CPL2-4-50TR-R** is a high-frequency, surface-mount **Coupled Inductor** (also referred to as a Common Mode Choke or Dual Inductor) manufactured by Eaton (formerly Bussmann). It is primarily designed for high-density power applications such as multiphase regulators and Vcore applications.
---
### 1. Key Technical Specifications
Below are the primary electrical characteristics of the component:
| Parameter | Specification |
| :--- | :--- |
| **Inductance** | 50 nH (Nominal) |
| **Number of Phases** | 2 |
| **Isat (Saturation Current)** | ~40A per phase |
| **DCR (DC Resistance)** | ~0.6 mΩ (Max) |
| **Operating Temperature** | -40°C to +125°C |
| **Mounting Type** | Surface Mount (SMD/SMT) |
| **Package Dimensions** | ~7.5mm x 4.0mm x 5.0mm |
---
### 2. Core Functional Features
* **Coupled Inductor Design:** Unlike standard inductors, the two windings are magnetically coupled. In a multiphase buck converter, this allows for **current ripple cancellation**, which improves efficiency and enables faster transient response.
* **Low DCR:** The very low Direct Current Resistance (0.6 mΩ) minimizes power loss due to heat, making it ideal for high-current low-voltage rails (like CPU/GPU cores).
* **High Saturation Current:** It is designed to handle high peak currents without the magnetic core "saturating," which would otherwise cause a loss of inductance.
* **Halogen Free & RoHS Compliant:** Meets modern environmental safety standards for electronic manufacturing.
---
### 3. Application Use Cases
This part is specifically engineered for high-performance power management environments:
1. **Vcore Regulators:** Used in servers and workstations to power CPUs.
2. **Multi-phase Buck Converters:** Acting as the output filter where two phases are combined to reduce output voltage ripple.
3. **Voltage Regulator Modules (VRMs):** Found on high-end motherboards and data center hardware.
4. **Point-of-Load (POL) Converters:** High-efficiency power delivery near the integrated circuit.
---
### 4. Circuit Representation
In a schematic, this part consists of two inductors sharing a single magnetic core:
```text
Phase 1 In o----( L1 )----o Phase 1 Out
) ( <-- Magnetic Coupling
Phase 2 In o----( L2 )----o Phase 2 Out
```
- ⤷
What is the significance of the 50nH inductance value in high-frequency switching?
- ⤷ How does the 'coupled' nature of this inductor help in reducing output ripple?
- ⤷ Are there alternative parts with higher phase counts in the Eaton CPL series?