CS160808-R12K
AI

## Technical Specifications: CS160808-R12K
The **CS160808-R12K** is a surface-mount (SMD) multilayer chip inductor. This component is commonly used in high-frequency circuits for filtering, impedance matching, and resonance.
### 1. Part Number Breakdown
Understanding the nomenclature helps identify the physical and electrical characteristics:
| Code Segment | Meaning | Description |
| :--- | :--- | :--- |
| **CS** | Series | Multilayer Chip Inductor (Standard Type) |
| **160808** | Size (EIA) | 1.6mm x 0.8mm x 0.8mm (Equivalent to 0603 imperial) |
| **R12** | Inductance | 0.12 µH (Microhenries) |
| **K** | Tolerance | ±10% |
---
### 2. Key Electrical Characteristics
Below are the typical performance parameters for this specific component:
| Parameter | Value |
| :--- | :--- |
| **Inductance** | 120 nH (0.12 µH) |
| **Tolerance** | ±10% |
| **Test Frequency** | 25 MHz |
| **DC Resistance (DCR)** | ~0.50 Ω (Max) |
| **Rated Current** | ~300 mA (Max) |
| **Self-Resonant Frequency (SRF)** | 320 MHz (Min) |
| **Quality Factor (Q)** | 15 (Min) at Test Frequency |
---
### 3. Physical Features & Construction
* **Material:** Often constructed with a Ceramic or Ferrite body depending on the specific frequency target.
* **Termination:** Lead-free (Sn) plating over Nickel (Ni) and Copper (Cu) layers, making it compatible with reflow soldering.
* **Packaging:** Supplied on 7-inch reels (tape and reel) for automated pick-and-place machines.
### 4. Typical Applications
The CS160808-R12K is versatile and found in various electronic sectors:
1. **Mobile Communication:** Used in smartphones for RF signal processing.
2. **EMI Suppression:** Filtering high-frequency noise in digital circuits.
3. **WLAN/Bluetooth Modules:** Impedance matching for antennas and RF front-ends.
4. **Computer Peripherals:** Decoupling and signal integrity in motherboards and GPUs.
---
### 5. Equivalent/Alternative Formats
If you are sourcing this part, it is often cross-referenced with the **0603** package size. Common manufacturers for this series include **Bourns**, **TDK**, and **Murata**.
- ⤷
What are the differences between ceramic and ferrite core multilayer inductors?
- ⤷ How does the Self-Resonant Frequency (SRF) affect circuit performance?
- ⤷ Can you provide a reflow soldering profile for this 0603 component?