Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

  • CSBL1030-R20M

  • AI
    ## Detailed Overview: CSBL1030-R20M The **CSBL1030-R20M** is a high-performance, surface-mount (SMD) power inductor commonly used in power management circuits. It is designed to handle high current loads while maintaining a small physical footprint and low energy loss. --- ### 1. Key Technical Specifications The part number typically follows a standard naming convention for inductors. Here are the estimated parameters based on the component series: | Parameter | Specification | | :--- | :--- | | **Inductance** | 0.20 µH (Indicated by "R20") | | **Tolerance** | ±20% (Indicated by "M") | | **DC Resistance (DCR)** | Extremely Low (typically < 1.0 mΩ) | | **Saturation Current ($I_{sat}$)** | Very High (often > 30A - 50A) | | **Package Size** | 10x10mm Series (approximate) | | **Core Material** | Metal Alloy / Carbonyl Powder | --- ### 2. Core Features * **High Saturation:** Uses a metal alloy core that allows the inductor to handle high peak currents without the inductance dropping off sharply. * **Low DCR:** The use of flat wire or heavy gauge copper minimizes DC resistance, which reduces heat generation and improves efficiency. * **Shielded Construction:** The molded design provides magnetic shielding, which minimizes Electromagnetic Interference (EMI) with neighboring components. * **Compact Design:** Designed for high-density PCB layouts where vertical space and board area are limited. --- ### 3. Application Areas This component is primarily found in high-efficiency power conversion modules: 1. **Voltage Regulator Modules (VRMs):** Used in CPU and GPU power delivery on motherboards and graphics cards. 2. **DC-DC Converters:** Essential in "Buck" (step-down) converters for telecommunications and industrial servers. 3. **High-Current Power Supplies:** Used in battery management systems and automotive electronics. 4. **POL (Point of Load) Converters:** Providing stable power to high-speed FPGAs and ASICs. --- ### 4. Circuit Symbol and Implementation In a circuit schematic, the CSBL1030-R20M is represented as a standard inductor. It is usually placed in the output stage of a switching regulator to smooth out the current ripples. ```spice * Example of Inductor in a Buck Converter Stage L1 Switching_Node V_Output 0.20uH C1 V_Output GND 470uF ```
    ✨ Follow-up Questions
    • ⤷ What are the equivalent alternatives to the CSBL1030-R20M?
    • ⤷ How does the 'R20M' suffix affect its performance compared to an 'R47M' model?
    • ⤷ What are the thermal considerations when mounting this inductor on a PCB?