CSBX1250-R82M
AI

The **CSBX1250-R82M** is a high-performance **Shielded Power Inductor** commonly used in DC-DC converters and high-current power supplies. It is designed to handle significant current loads while maintaining low electromagnetic interference (EMI).
---
## 1. Technical Specifications
The part number follows a specific nomenclature used by manufacturers (like Chilisin or similar SMD inductor producers). Here is the breakdown of its key parameters:
| Parameter | Specification | Description |
| :--- | :--- | :--- |
| **Inductance** | 0.82 µH | Rated at 100kHz / 1.0V |
| **Tolerance** | ±20% | Indicated by the "M" suffix |
| **DCR (DC Resistance)** | ~1.3 mΩ to 1.8 mΩ | Typical low resistance to minimize heat loss |
| **Saturation Current ($I_{sat}$)** | ~25A - 35A | The point where inductance drops by ~30% |
| **Heat Rating Current ($I_{rms}$)** | ~20A - 28A | Current causing a 40°C temperature rise |
| **Operating Temp.** | -40°C to +125°C | Standard industrial/automotive range |
---
## 2. Structural Characteristics
The CSBX1250-R82M is built using a **Molding Process**, which provides several advantages:
* **Magnetic Shielding:** The coil is encapsulated in a metal alloy powder. This results in very low leakage flux (EMI), making it safe to place near sensitive components.
* **Physical Size (1250):** The numbers "1250" represent the footprint dimensions:
* **Length/Width:** Approx. 13.5 mm x 12.5 mm
* **Height:** Approx. 5.0 mm
* **Material:** Usually made of Carbonyl Iron Powder or similar magnetic alloys that offer high saturation stability.
---
## 3. Typical Applications
Due to its low inductance (0.82µH) and high current handling, it is ideal for:
1. **Voltage Regulator Modules (VRM):** Used in CPU/GPU power delivery.
2. **Point of Load (POL) Converters:** High-efficiency DC-DC step-down converters.
3. **Battery Powered Devices:** High-current chargers and power management ICs (PMICs).
4. **Distributed Power Systems:** High-density power supplies for servers.
---
## 4. Part Number Decoding
The name can be broken down as follows:
* **CSBX:** Series identifier (Shielded Alloy Inductor).
* **1250:** Physical dimensions (13.5 x 12.5 x 5.0 mm).
* **R82:** Inductance value ($R = \text{decimal point}$). $0.82 \mu H$.
* **M:** Tolerance ($\pm 20\%$).
- ⤷
What are the equivalent alternative part numbers from brands like Vishay or Coilcraft?
- ⤷ How does the saturation current of this inductor change with temperature?
- ⤷ What is the recommended solder profile for the 1250 package size?