Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

  • CSBX1265-R20M

  • AI
    ## Technical Overview: CSBX1265-R20M The **CSBX1265-R20M** is a high-current, surface-mount (SMD) power inductor. These components are critical in power management circuits, specifically for DC-DC converters, where they store energy in a magnetic field to smooth out current fluctuations. --- ### 1. Part Number Breakdown Understanding the nomenclature helps identify the physical and electrical characteristics: | Segment | Meaning | Details | | :--- | :--- | :--- | | **CSBX** | Series Name | High-current shielded power inductor series. | | **1265** | Dimensions | Approx. 12.5mm x 12.5mm x 6.5mm (Footprint/Height). | | **R20** | Inductance Value | 0.20 µH (Microhenries). | | **M** | Tolerance | ±20%. | --- ### 2. Key Specifications While exact values can vary slightly by manufacturer (often Cyntec or similar brands), typical specs for this part include: * **Inductance:** 0.20 µH * **DC Resistance (DCR):** Extremely low (typically < 1.0 mΩ) to minimize power loss. * **Saturation Current (Isat):** Very high, often ranging from 40A to 60A. * **Heat Rating Current (Irms):** High thermal capacity for continuous operation. * **Operating Temperature:** Generally -40°C to +125°C. --- ### 3. Core Technologies The "CSBX" style inductors usually employ specific construction techniques: 1. **Metal Alloy Powder Core:** Unlike traditional ferrite cores, these use a molded metal powder. This allows for **soft saturation** (the inductance drops gradually rather than abruptly as current increases). 2. **Magnetic Shielding:** The molded construction naturally shields the component, reducing Electromagnetic Interference (EMI) with neighboring components. 3. **Flat Wire Construction:** Often uses flat copper wire to maximize the cross-sectional area, reducing DCR and skin effect losses at high frequencies. --- ### 4. Common Applications Due to its high current handling and low inductance, the CSBX1265-R20M is found in: * **Voltage Regulator Modules (VRMs):** Powering CPUs and GPUs in servers and high-end PCs. * **Point of Load (POL) Converters:** Distributed power systems on motherboards. * **High-current DC-DC Supplies:** In telecommunications and industrial equipment. ---
    ✨ Follow-up Questions
    • ⤷ What are the main advantages of using a metal powder core over a standard ferrite core?
    • ⤷ How does the 0.20 µH inductance value affect the switching frequency of a power supply?
    • ⤷ What are the recommended soldering profiles for this specific SMD package size?