CSTCC2M70G56-R0
AI

The **CSTCC2M70G56-R0** is a specific model of a **Ceramic Resonator** manufactured by Murata Electronics. It belongs to the CERALOCK® line, which is designed to provide timing signals for microprocessors and other integrated circuits.
---
### 1. Key Technical Specifications
The part number encodes specific characteristics about its electrical behavior and physical form:
| Feature | Specification | Description |
| :--- | :--- | :--- |
| **Oscillating Frequency** | 2.70 MHz | The base frequency at which the component vibrates. |
| **Frequency Tolerance** | ±0.5% | The accuracy of the frequency at room temperature. |
| **Load Capacitance** | 47 pF | Built-in capacitors (internal to the package). |
| **Mounting Type** | SMD (Surface Mount) | Designed for automated PCB assembly. |
| **Operating Temp Range**| -20°C to +80°C | The standard industrial temperature operating range. |
| **Package Size** | 7.2mm x 3.0mm | Known as the "CC" package size in Murata's lineup. |
---
### 2. Internal Structure and Function
The "G56" suffix indicates that this part includes **built-in load capacitors**. This is a significant advantage in electronic design for several reasons:
* **Three-terminal Device:** Unlike a standard 2-pin crystal, this has three pins: Input, Output, and Ground.
* **Space Saving:** Because the load capacitors are integrated inside the ceramic package, you do not need to place external capacitors on the PCB.
* **Stability:** The ceramic material provides a stable mechanical vibration that is converted into an electrical signal via the piezoelectric effect.
---
### 3. Comparison: Ceramic Resonator vs. Quartz Crystal
While both provide clock signals, the CSTCC series has distinct trade-offs:
| Feature | Ceramic Resonator (CSTCC) | Quartz Crystal |
| :--- | :--- | :--- |
| **Cost** | Lower | Higher |
| **Precision** | Moderate (±0.5%) | High (ppm levels) |
| **Startup Time** | Very Fast | Slower |
| **Size** | Smaller (Integrated Caps) | Larger (Requires external Caps) |
---
### 4. Typical Applications
The CSTCC2M70G56-R0 is commonly used in high-volume consumer electronics where extreme precision (like a real-time clock) is not required, but cost and space are critical:
* **Microcontrollers (MCU):** Providing the system clock for 8-bit or 16-bit processors.
* **Remote Controls:** Infrared transmitters.
* **Household Appliances:** Washing machine or microwave control boards.
* **USB Peripherals:** Low-speed communication timing.
---
### 5. Termination and Packaging
* **-R0 Suffix:** This usually indicates the packaging style, specifically **7-inch Reel** (Tape & Reel), intended for high-speed pick-and-place machines during manufacturing.
- ⤷
What are the pinout connections for a 3-terminal ceramic resonator?
- ⤷ Can I replace a quartz crystal with this ceramic resonator in an existing circuit?
- ⤷ What is the frequency stability of the CSTCC series over its temperature range?