CT0603CSF-R15G
AI

The **CT0603CSF-R15G** is a high-frequency, surface-mount (SMD) wire-wound chip inductor. These components are primarily used in RF (Radio Frequency) circuits where high precision and high Q-factors are required.
---
## 1. Part Number Breakdown
Understanding the alphanumeric code helps identify the specific characteristics of the component:
| Code Segment | Meaning | Details |
| :--- | :--- | :--- |
| **CT** | Series Prefix | Ceramic core, wire-wound chip inductor series. |
| **0603** | Case Size | Industry standard size (0.06 x 0.03 inches / 1.6 x 0.8 mm). |
| **CSF** | Construction | Ceramic substrate, Standard Ferrite/Form. |
| **R15** | Inductance Value | **150 nH** (R represents the decimal point in microhenries). |
| **G** | Tolerance | **±2%** (High precision tolerance). |
---
## 2. Technical Specifications
The electrical behavior of this inductor is optimized for high-speed communication and signal integrity.
### Electrical Characteristics
* **Inductance:** 150 nH
* **Tolerance:** ±2%
* **Quality Factor (Q min):** ~30 at 150 MHz
* **Self-Resonant Frequency (SRF):** Approximately 950 MHz - 1.2 GHz (minimum)
* **DC Resistance (DCR max):** ~0.92 Ohms
* **Rated Current (Idc):** ~280 mA (varies slightly by manufacturer)
### Physical & Material Properties
* **Core Material:** Ceramic (Non-magnetic). This allows for high SRF and excellent thermal stability.
* **Winding:** Copper wire wound around the ceramic body, providing better performance than multilayer types.
* **Termination:** Typically tin-plated (Pb-free) for RoHS compliance.
---
## 3. Key Applications
Because of its wire-wound ceramic construction, this part is ideal for:
1. **RF Matching Networks:** Impedance matching in cellular phones and Wi-Fi modules.
2. **Filters:** Used in band-pass, low-pass, and high-pass filters for signal processing.
3. **VCOs:** Voltage Controlled Oscillators requiring stable inductance.
4. **Bluetooth/WLAN:** High-frequency communication circuits where low signal loss is critical.
---
## 4. Comparison: Wire-Wound vs. Multilayer
| Feature | CT0603CSF (Wire-Wound) | Multilayer Inductor |
| :--- | :--- | :--- |
| **Q-Factor** | High (Efficient) | Low to Moderate |
| **Current Handling** | Higher | Lower |
| **Tolerance** | Very Tight (up to 2%) | Standard (5-10%) |
| **Cost** | Slightly Higher | Lower |
- ⤷
How does the ceramic core affect the self-resonant frequency compared to a ferrite core?
- ⤷ What are the soldering recommendations for 0603 wire-wound components?
- ⤷ Can this inductor be used in power supply filtering applications?