CT0805HT-R10J
AI

## Technical Overview of CT0805HT-R10J
The **CT0805HT-R10J** is a high-frequency, surface-mount (SMD) wire-wound chip inductor. It belongs to the 0805 series, which is a standard industry size for passive components. These components are primarily used in RF (Radio Frequency) circuits where high precision and high Q-factors are required.
---
### 1. Part Number Breakdown
Understanding the nomenclature helps identify its core specifications:
| Segment | Code | Description |
| :--- | :--- | :--- |
| **Series** | CT | Ceramic core, wire-wound chip inductor |
| **Size** | 0805 | Physical dimensions (0.08 x 0.05 inches) |
| **Type** | HT | High Temperature / High Performance |
| **Inductance** | R10 | 0.10 µH (or 100 nH) |
| **Tolerance** | J | ±5% |
---
### 2. Key Specifications
The CT0805HT series is designed for stability across a wide range of frequencies.
* **Inductance:** 100 nH (Nanohenries)
* **Tolerance:** ±5%
* **Quality Factor (Q):** Typically high (Min 45 at 150 MHz) to minimize energy loss.
* **Self-Resonant Frequency (SRF):** Typically around 1200 MHz.
* **DC Resistance (DCR):** Max 0.46 Ω (Lower resistance allows for better efficiency).
* **Rated Current:** ~400 mA (Maximum current it can handle without overheating).
* **Operating Temperature:** -40°C to +125°C.
---
### 3. Construction and Materials
* **Core Material:** Ceramic. Unlike ferrite cores, ceramic cores do not saturate, making them ideal for high-frequency applications where inductance must remain constant.
* **Winding:** Copper wire is wound around the ceramic body and terminated at the ends with metallic pads (usually silver/palladium/platinum with a tin plate).
* **Encapsulation:** Often coated with a clear epoxy or resin to protect the wire from mechanical damage and environmental oxidation.
---
### 4. Typical Applications
Due to its high Q-factor and stable inductance at high frequencies, this part is commonly used in:
1. **RF Tranceivers:** In matching circuits for antennas.
2. **Filter Networks:** Low-pass, high-pass, and band-pass filters in wireless communication.
3. **Bluetooth/WLAN Modules:** Signal tuning and decoupling.
4. **Oscillators:** To set the frequency of resonance in LC circuits.
---
### 5. Footprint Information
The "0805" designation refers to the Imperial measurement:
```text
Length: 2.0 mm (0.079 in)
Width: 1.2 mm (0.047 in)
Height: 1.2 mm (0.047 in)
```
- ⤷
What are the main differences between ceramic core and ferrite core inductors?
- ⤷ How does the Q-factor impact the performance of an RF circuit?
- ⤷ Can this component be used in power supply filtering applications?