CT0805HT-R10K
AI

The **CT0805HT-R10K** is a surface-mount electronic component, specifically a **High-Temperature Wire-Wound Chip Inductor**. It is designed for applications requiring high reliability and stability under thermal stress.
---
### 1. Part Number Breakdown
Understanding the alphanumeric code helps identify its specific technical characteristics:
| Code Segment | Meaning | Description |
| :--- | :--- | :--- |
| **CT** | Series Type | Ceramic Core Chip Inductor |
| **0805** | Case Size | 2.0mm x 1.25mm (Imperial 0805) |
| **HT** | Feature | High Temperature (designed for harsh environments) |
| **R10** | Inductance Value | 0.10 µH (or 100 nH) |
| **K** | Tolerance | ±10% |
---
### 2. Key Technical Specifications
Below are the typical electrical and physical parameters for this component:
* **Inductance:** 100 nH (0.10 µH)
* **Tolerance:** ±10%
* **Operating Temperature:** Typically -40°C to +150°C (HT variant)
* **Construction:** Wire-wound on a ceramic core.
* **Self-Resonant Frequency (SRF):** Generally high, often exceeding 1000 MHz.
* **Quality Factor (Q):** High Q factor, making it efficient for RF applications.
---
### 3. Features and Advantages
* **Ceramic Core:** Provides excellent signal transparency and low loss at high frequencies compared to ferrite cores.
* **Wire-Wound Design:** Offers significantly higher current carrying capacity and lower DC Resistance (DCR) than multilayer inductors.
* **Thermal Stability:** The "HT" designation ensures the component maintains its inductive properties even as temperatures rise, preventing "thermal runaway" or performance degradation in automotive or industrial settings.
---
### 4. Common Applications
This part is frequently found in high-frequency communication circuits where stability is critical:
* **RF Transceivers:** Used in matching networks and filters.
* **Automotive Electronics:** Engine control units (ECU) and sensors.
* **Mobile Communication:** Base stations and signal boosters.
* **Broadband Filtering:** Removing noise from high-speed data lines.
---
### 5. Land Pattern (Footprint)
For PCB design, use the standard 0805 (2012 Metric) footprint:
```markdown
Dimensions:
L: 2.0 mm
W: 1.25 mm
T: 1.2 mm (approx)
```
- ⤷
What is the maximum current rating for the CT0805HT series?
- ⤷ How does a ceramic core inductor differ from a ferrite core inductor in RF circuits?
- ⤷ Can this inductor be used in power supply switching regulators?