Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

  • CT0805HT-R47K

  • AI
    ### Technical Overview: CT0805HT-R47K The **CT0805HT-R47K** is a surface-mount (SMD) wire-wound chip inductor. It is designed for high-frequency applications where high Q-factors and stable inductance are required. --- ### 1. Part Number Breakdown Understanding the nomenclature helps identify the component's physical and electrical characteristics: | Code Segment | Meaning | Description | | :--- | :--- | :--- | | **CT** | Series Type | Ceramic chip inductor (Wire-wound) | | **0805** | Case Size | 0.08 x 0.05 inches (2.0 x 1.25 mm) | | **HT** | High Temp/High Q | Indicates High-Temperature tolerance or High Q-factor | | **R47** | Inductance Value | 0.47 µH (470 nH) | | **K** | Tolerance | ±10% | --- ### 2. Key Specifications The typical electrical parameters for this class of inductor are as follows: * **Inductance:** 0.47 µH (at 25 MHz) * **Tolerance:** ±10% * **Quality Factor (Q min):** 45 (typically measured at 100 MHz) * **Self-Resonant Frequency (SRF):** ~600 MHz (Minimum) * **DC Resistance (DCR max):** 0.60 Ω * **Rated Current (I-dc):** 450 mA --- ### 3. Construction and Materials Unlike multilayer inductors, the **Wire-wound** construction of the CT0805HT offers distinct advantages: * **Ceramic Core:** Provides excellent thermal stability and a high SRF. * **Wire-Wound:** A fine copper wire is coiled around the core, allowing for much lower DC resistance (DCR) and higher current handling compared to thin-film or multilayer types. * **Encapsulation:** Often coated with epoxy or a clear resin for mechanical protection and pick-and-place compatibility. --- ### 4. Common Applications Due to its high Q-factor and high-frequency stability, the R47K is typically found in: 1. **RF Circuits:** Matching networks and filters for wireless communication. 2. **Bluetooth/WLAN:** Signal conditioning in high-frequency modules. 3. **High-Speed Signal Lines:** Providing EMI suppression while maintaining signal integrity. 4. **Power Management:** Small DC-DC converters where space is limited but efficiency is required. --- ### 5. Mechanical Dimensions | Dimension | Metric (mm) | Imperial (inches) | | :--- | :--- | :--- | | **Length (L)** | 2.29 ± 0.2 | 0.090 ± 0.008 | | **Width (W)** | 1.73 ± 0.2 | 0.068 ± 0.008 | | **Height (H)** | 1.52 ± 0.2 | 0.060 ± 0.008 |
    ✨ Follow-up Questions
    • ⤷ What is the difference between wire-wound and multilayer inductors in RF applications?
    • ⤷ How does the Q-factor affect the performance of this inductor?
    • ⤷ Are there alternative tolerances available for the CT0805HT series?