CT1206CSF-R18M
AI

The **CT1206CSF-R18M** is a surface-mount (SMD) wire-wound chip inductor commonly used in high-frequency applications. Below is a detailed breakdown of its specifications, construction, and typical use cases.
---
## 1. Technical Specifications
The part number follows a specific coding convention used by manufacturers like Central Technologies. Here are the core electronic parameters:
| Parameter | Value | Description |
| :--- | :--- | :--- |
| **Inductance** | 180 nH (0.18 µH) | The "R18" in the name denotes 0.18. |
| **Tolerance** | ±20% | Denoted by the "M" suffix. |
| **Case Size** | 1206 (EIA) | 3.2mm x 1.6mm footprint. |
| **DC Resistance (DCR)** | ~0.50 Ω (Max) | Resistance of the internal wire winding. |
| **Rated Current** | ~400 mA | Maximum current before the part overheats. |
| **Self-Resonant Frequency** | >900 MHz | The frequency at which the part stops behaving as an inductor. |
| **Construction** | Wire-Wound | Ceramic or ferrite core with copper wire winding. |
---
## 2. Component Construction
### Wire-Wound Technology
Unlike multilayer inductors (which use printed layers), this component uses a tiny copper wire wrapped around a ceramic or ferrite core.
* **Pros:** High **Q-factor** (quality factor) and higher current handling.
* **Cons:** Slightly larger profile compared to thin-film alternatives.
### Ceramic Core (CSF series)
The "CSF" designation often points to a **Ceramic Core**. Ceramic cores do not store magnetic energy as well as ferrite, but they offer exceptional stability and high Self-Resonant Frequencies (SRF), making them ideal for RF (Radio Frequency) applications.
---
## 3. Circuit Applications
The CT1206CSF-R18M is typically found in the following electronic sections:
1. **RF Impedance Matching:** Used in wireless transmitters and receivers to match antenna impedance to the circuit.
2. **Frequency Filtering:** Acts as a Low-Pass or Band-Pass filter to block unwanted noise in high-frequency signals.
3. **Signal Decoupling:** Used in power supply lines for sensitive RF ICs to prevent high-frequency noise from entering the signal path.
4. **Bluetooth/WLAN Modules:** Common in communication hardware operating in the MHz to low GHz range.
---
## 4. Key Part Number Breakdown
```text
CT 1206 CSF - R18 M
| | | | |
| | | | +-- Tolerance (M = 20%)
| | | +----- Inductance Value (R18 = 0.18uH or 180nH)
| | +----------- Series Type (Ceramic Surface Filter/Inductor)
| +---------------- Case Size (1206)
+-------------------- Manufacturer Code (e.g., Central Technologies)
```
- ⤷
What is the difference between a ceramic core and a ferrite core inductor?
- ⤷ How does the Q-factor affect RF circuit performance?
- ⤷ What are the common alternatives to the 1206 package size for smaller electronics?