CTC0F-R82M
AI

## CTC0F-R82M Electronic Component Overview
The **CTC0F-R82M** is a specific surface-mount technology (SMT) electronic component, primarily categorized as a **Fixed Inductor** (Power Inductor). These are typically used in power management circuits to store energy and filter noise.
---
### Technical Specifications
Below are the typical parameters associated with this part number:
| Parameter | Value / Specification |
| :--- | :--- |
| **Component Type** | Fixed Inductor (Unshielded/Shielded Chip) |
| **Inductance** | 0.82 µH (Microhenries) |
| **Tolerance** | ±20% (indicated by the "M" suffix) |
| **Mounting Type** | Surface Mount (SMD/SMT) |
| **Material** | Usually Ferrite Core |
| **Packaging** | Tape and Reel (for automated assembly) |
---
### Part Number Breakdown
The alphanumeric code provides specific details about the component's construction:
1. **CTC0F**: The series designation. This usually identifies the manufacturer's specific product line (often associated with **Central Technologies**).
2. **R82**: The Inductance value. The "R" acts as a decimal point.
* $R82 = 0.82$ µH.
3. **M**: The Tolerance code.
* $M = ±20\%$.
* (Common alternatives: J = ±5%, K = ±10%).
---
### Key Applications
Inductors of this value (0.82 µH) are frequently found in high-frequency circuits. Common use cases include:
* **DC-DC Converters:** Helping regulate voltage in smartphones, tablets, and laptops.
* **Voltage Regulator Modules (VRM):** Used on motherboards to provide stable power to CPUs.
* **Noise Filtering:** Suppressing electromagnetic interference (EMI) in power lines.
* **Decoupling:** Preventing high-frequency noise from affecting sensitive integrated circuits.
---
### Selection Considerations
When replacing or designing with the CTC0F-R82M, you must also consider physical and thermal constraints:
* **DCR (DC Resistance):** Lower resistance is better for efficiency and reducing heat.
* **Saturation Current ($I_{sat}$):** The current level where the inductance drops by a specific percentage.
* **RMS Current ($I_{rms}$):** The maximum continuous current the part can handle without overheating.
* **Footprint:** Ensure the physical dimensions (e.g., 0805, 1206, or specific power inductor sizes) match your PCB layout.
- ⤷What are the physical dimensions (case size) of the CTC0F series?
- ⤷ How does the saturation current affect this specific inductor's performance?
- ⤷ Are there recommended alternatives for the CTC0F-R82M from other manufacturers?