CTC3F-R56J
AI

The **CTC3F-R56J** is a specific model of a fixed inductor, typically used in power supplies, signal processing, and decoupling circuits. Below is a detailed breakdown of its electronic specifications and characteristics.
---
### 1. General Specifications
The part number follows a specific nomenclature that defines its electrical properties.
| Parameter | Specification |
| :--- | :--- |
| **Component Type** | Fixed Inductor (Leaded/Axial) |
| **Inductance Value** | 0.56 µH (Microhenries) |
| **Tolerance** | ±5% (indicated by the 'J' suffix) |
| **Series** | CTC3F (Conformal Coated Inductors) |
| **Lead Finish** | RoHS Compliant / Lead-free |
---
### 2. Physical Characteristics
The "CTC3F" series is characterized by its axial lead construction, which makes it suitable for **Through-Hole Technology (THT)** mounting on PCBs.
* **Construction:** Ferrite core with a copper wire winding.
* **Coating:** Epoxy resin conformal coating (usually green or blue) for environmental protection and insulation.
* **Dimensions:** Typically 4.0mm in diameter and 10.0mm in length (standard for the 3F frame size).
---
### 3. Electrical Performance
The performance of the CTC3F-R56J is defined by its ability to handle current and its behavior at high frequencies.
| Feature | Description |
| :--- | :--- |
| **DC Resistance (DCR)** | Very low (typically < 0.10 Ω), minimizing power loss. |
| **Rated Current** | High current handling (often between 1A to 2.5A depending on the manufacturer's specific thermal rating). |
| **Self-Resonant Frequency (SRF)** | High frequency stability; suitable for RF applications and high-speed filtering. |
| **Q-Factor** | Designed for a high quality factor to ensure efficiency in resonant circuits. |
---
### 4. Common Applications
The CTC3F-R56J is versatile and used across various electronic sectors:
1. **Noise Filtering:** Used in EMI/RFI suppression to clean up signals in power lines.
2. **Decoupling:** Placed near integrated circuits to prevent high-frequency noise from entering the power rail.
3. **DC/DC Converters:** Acts as an energy storage element in small switching power supplies.
4. **Signal Conditioning:** Used in LC (Inductor-Capacitor) filters for audio or radio frequency processing.
---
### 5. Part Number Decoding
The code `CTC3F-R56J` can be broken down as follows:
* **CTC:** Manufacturer series prefix (often Central Technologies or similar).
* **3F:** Size/Form factor code.
* **R56:** The inductance value. "R" acts as a decimal point, resulting in **0.56**.
* **J:** Tolerance code. **J = ±5%**, K = ±10%, M = ±20%.
- ⤷
What are the equivalent SMD alternatives for the CTC3F-R56J?
- ⤷ How does the 'J' tolerance affect circuit performance in filtering applications?
- ⤷ What is the maximum operating temperature for this inductor?