CTM1F-R033K
AI

The **CTM1F-R033K** is a high-performance **Molded Chip Inductor** (Surface Mount Device - SMD). These components are widely used in power management and signal filtering circuits where space is limited but high reliability is required.
---
## Technical Specifications
The alphanumeric code "R033K" defines its electrical properties. Below is the technical breakdown:
| Parameter | Value / Specification |
| :--- | :--- |
| **Component Type** | Molded Chip Inductor (SMD) |
| **Inductance** | 0.033 µH (Microhenries) |
| **Tolerance** | ±10% (Indicated by the "K") |
| **Package Size** | Typically 1210 or 1812 (Depends on manufacturer series) |
| **Construction** | Ferrite Core with Molded Encapsulation |
| **Mounting Type** | Surface Mount (SMT) |
---
## Part Number Breakdown
Understanding the nomenclature helps in identifying similar parts:
1. **CTM1F**: The Series identifier. "CT" usually refers to the manufacturer (often Central Technologies or similar), "M" denotes Molded, and "1F" indicates the specific frame or material size.
2. **R033**: The Inductance value. The "R" acts as a decimal point.
* `R033` = 0.033 µH.
3. **K**: The Tolerance code.
* **J** = ±5%
* **K** = ±10%
* **M** = ±20%
---
## Key Features & Applications
### Features
* **Durability**: The molded construction provides excellent mechanical strength and resistance to environmental factors (moisture, vibration).
* **High Self-Resonant Frequency (SRF)**: Due to the low inductance value (0.033 µH), this part is designed for high-frequency operations.
* **Solderability**: Designed with end-caps that are highly resistant to soldering heat.
### Common Applications
* **RF Circuits**: Used for impedance matching and high-frequency filtering.
* **Decoupling**: Preventing noise from entering sensitive parts of a circuit.
* **Telecommunications**: Found in mobile devices, base stations, and satellite equipment.
* **Consumer Electronics**: Used in high-speed motherboards and tablets.
---
## Electrical Performance Example
Because this is a very low inductance part (0.033 µH), it behaves almost like a straight wire at low frequencies but offers significant impedance at VHF (Very High Frequency) and UHF (Ultra High Frequency) ranges.
```text
Inductance: 33 nH (nanohenries)
Typical Test Frequency: 50 MHz - 100 MHz
DC Resistance (DCR): Very Low (typically < 0.5 Ohms)
```
- ⤷What is the maximum current rating (Irms) for the CTM1F series?
- ⤷ How does a molded inductor differ from a wire-wound shielded inductor?
- ⤷ What are the equivalent alternative part numbers from brands like TDK or Murata?