Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

  • CTML0603-R12M

  • AI
    ## Overview of CTML0603-R12M The **CTML0603-R12M** is a surface-mount **Multilayer Chip Inductor** designed for high-frequency circuits. It is commonly used in compact electronic devices due to its small footprint and reliable performance in decoupling and signal filtering applications. --- ### 1. Part Number Breakdown To understand the specifications, we can decode the part number: | Code Segment | Meaning | Detail | | :--- | :--- | :--- | | **CTML** | Series Type | Ceramic Multilayer Chip Inductor | | **0603** | Case Size (Imperial) | 0.06 x 0.03 inches (approx. 1.6 x 0.8 mm) | | **R12** | Inductance Value | **0.12 µH** (120 nH) | | **M** | Tolerance | **±20%** | --- ### 2. Technical Specifications The electrical characteristics define how the component behaves within a circuit. * **Inductance:** 0.12 µH (at a specified frequency, usually 25 MHz). * **Case Size:** 0603 (EIA) / 1608 (Metric). * **DC Resistance (DCR):** Low resistance to minimize power loss (typically 0.40 - 0.60 Ω range). * **Rated Current:** The maximum DC current it can handle before overheating (typically 100mA - 300mA depending on the specific manufacturer variant). * **Self-Resonant Frequency (SRF):** The frequency at which the component stops acting as an inductor and starts acting as a capacitor. * **Operating Temperature:** Generally rated from -55°C to +125°C. --- ### 3. Key Features and Construction The "Multilayer" aspect of this part refers to its internal architecture: * **Monolithic Structure:** Created by layering ceramic material and conductive paste (usually silver or copper) and firing them together. This results in a solid, integrated block. * **Magnetic Shielding:** Because the conductor is buried inside the ceramic body, the component provides a closed magnetic circuit, minimizing electromagnetic interference (EMI) and crosstalk with nearby parts. * **Solderability:** Features nickel-barrier terminations with a tin plating to ensure excellent solder heat resistance and mechanical strength. --- ### 4. Typical Applications The CTML0603-R12M is primarily used in the following scenarios: 1. **Mobile Electronics:** Smartphones, tablets, and wearables where space is at a premium. 2. **EMI Suppression:** Used as a low-pass filter to remove high-frequency noise from power lines or signal lines. 3. **RF Circuits:** Matching networks and high-frequency decoupling in communication modules. 4. **Computer Peripherals:** Motherboards and I/O ports to stabilize current. ---
    ✨ Follow-up Questions
    • ⤷ What are the differences between a multilayer inductor and a wire-wound inductor?
    • ⤷ How does the SRF (Self-Resonant Frequency) impact its performance in RF circuits?
    • ⤷ What is the equivalent metric size for an 0603 imperial package?