CTML0603F-R047K
AI

The **CTML0603F-R047K** is a surface-mount multi-layer ceramic chip inductor. It is designed for high-frequency applications where miniaturization and reliability are critical.
---
## 1. Technical Specifications
The following table summarizes the primary electrical and physical characteristics of this component:
| Parameter | Specification |
| :--- | :--- |
| **Part Number** | CTML0603F-R047K |
| **Inductance** | 0.047 µH (47 nH) |
| **Tolerance** | ±10% (K) |
| **Case Code (Inch/Metric)** | 0603 / 1608 |
| **Rated Current (max)** | 300 mA |
| **DC Resistance (max)** | 0.35 Ω |
| **Self-Resonant Frequency** | 220 MHz |
| **Operating Temperature** | -55°C to +125°C |
---
## 2. Part Number Breakdown
Understanding the nomenclature helps in identifying variants:
- **CTML**: Series designation (Ceramic Multi-Layer Inductor).
- **0603**: Package size (0.06 x 0.03 inches).
- **F**: Lead-free / RoHS compliant.
- **R047**: Inductance value (R = decimal point; 0.047 µH).
- **K**: Tolerance code (K = ±10%).
---
## 3. Key Features & Construction
### Construction
Unlike wire-wound inductors, this part is built using a **Multi-layer Technology**. Conductive patterns are printed on ceramic layers and stacked to create a coil structure within a monolithic block.
### Benefits
* **Magnetic Shielding:** The closed magnetic circuit minimizes crosstalk and EMI (Electromagnetic Interference).
* **High Reliability:** The monolithic structure provides excellent heat resistance and mechanical strength.
* **Compact Size:** The 0603 footprint is ideal for high-density PCB layouts in portable electronics.
---
## 4. Common Applications
This inductor is typically used in low-power, high-frequency circuits such as:
1. **Noise Suppression:** Filtering high-frequency noise in power supply lines.
2. **Impedance Matching:** Used in RF front-ends for smartphones and wireless modules.
3. **Signal Conditioning:** Decoupling and signal shaping in telecommunications equipment.
- ⤷
What is the difference between a multi-layer ceramic inductor and a wire-wound inductor?
- ⤷ Can this inductor be used in high-power LED driver circuits?
- ⤷ What are the recommended soldering profiles for 0603 SMD components?