CTML1206-R10M
AI

The **CTML1206-R10M** is a specific surface-mount multilayer chip inductor. It is commonly used in high-frequency circuits for signal conditioning and noise suppression.
---
### 1. Part Number Breakdown
Understanding the nomenclature helps identify the component's physical and electrical characteristics:
| Code Segment | Meaning | Description |
| :--- | :--- | :--- |
| **CTML** | Series | Multilayer Chip Inductor |
| **1206** | Case Size | Dimensions: 0.12 x 0.06 inches (3.2 x 1.6 mm) |
| **R10** | Inductance Value | R10 represents **0.10 µH** (100 nH) |
| **M** | Tolerance | **±20%** tolerance |
---
### 2. Technical Specifications
While specific values can vary slightly by manufacturer (such as Central Technologies), typical parameters for this part include:
* **Inductance:** 0.10 µH (at a specified test frequency, usually 25 MHz).
* **DC Resistance (DCR):** Low (typically < 0.30 Ω), which minimizes power loss.
* **Rated Current:** Usually ranges between 200mA and 500mA depending on the specific internal build.
* **Self-Resonant Frequency (SRF):** High (often > 250 MHz), making it suitable for high-frequency filtering.
* **Operating Temperature:** Generally ranges from -55°C to +125°C.
---
### 3. Key Features and Applications
The multilayer construction offers unique benefits compared to wire-wound inductors:
#### Features
* **Magnetic Shielding:** The closed magnetic circuit design minimizes crosstalk between components.
* **Compact Design:** High volumetric efficiency in a standard 1206 footprint.
* **Reliability:** Excellent solderability and resistance to soldering heat.
#### Applications
* **RF Circuits:** Used in impedance matching and resonance circuits.
* **Filtering:** Acts as a low-pass filter in high-speed data lines.
* **EMI Suppression:** Reduces electromagnetic interference in mobile devices, computers, and telecommunications hardware.
---
### 4. Typical Footprint (1206)
The dimensions follow the standard metric 3216 / Imperial 1206 format:
```text
<--- 3.2mm --->
+---------------+ ^
| _________ | |
| | | | 1.6mm
| |_________| | |
+---------------+ v
```
- ⤷
What is the difference between a multilayer inductor and a wire-wound inductor?
- ⤷ How do I calculate the cutoff frequency if using this inductor in a filter?
- ⤷ What are the common manufacturers for the CTML series?