Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

  • CTML1206F-R27K

  • AI
    The **CTML1206F-R27K** is a surface-mount multi-layer ceramic chip inductor. Below is a detailed breakdown of its electronic characteristics, specifications, and applications. ### 1. Component Identification The part number can be decoded to understand its fundamental physical and electrical properties: | Segment | Meaning | Description | | :--- | :--- | :--- | | **CTML** | Series | Multi-layer Ceramic Chip Inductor | | **1206** | Case Size | Dimensions (approx. 3.2mm x 1.6mm) | | **F** | Material | Ferrite core material (typical for this series) | | **R27** | Inductance | **0.27 µH** (R denotes decimal point) | | **K** | Tolerance | **±10%** | --- ### 2. Technical Specifications These parameters define how the part performs within an electronic circuit: * **Inductance:** 0.27 µH * **Tolerance:** ±10% (K) * **Test Frequency:** Typically measured at 25 MHz. * **DC Resistance (DCR):** Usually low (approx. 0.45 Ω max), minimizing power loss. * **Rated Current:** The maximum current it can carry before overheating (typically around 300mA for this value). * **Self-Resonant Frequency (SRF):** The frequency at which the component stops acting as an inductor (typically >150 MHz). --- ### 3. Construction and Features The CTML series uses a **Multi-layer Technology** which offers several advantages over wire-wound inductors: 1. **Magnetic Shielding:** The closed magnetic circuit created by the multi-layer structure prevents electromagnetic interference (EMI) with surrounding components. 2. **High Reliability:** The monolithic structure (fired ceramic) is highly resistant to mechanical shock and heat. 3. **Solderability:** Features nickel barrier terminations with a tin overcoat to prevent "leaching" during soldering. --- ### 4. Typical Applications The 1206-sized 0.27µH inductor is commonly used in high-frequency and power-sensitive environments: * **Noise Suppression:** Filtering high-frequency noise in digital circuits. * **Signal Conditioning:** Used in RF (Radio Frequency) matching circuits. * **Decoupling:** Preventing power supply noise from affecting sensitive ICs. * **Consumer Electronics:** Mobile phones, tablets, and computers where space and EMI shielding are critical. --- ### 5. Footprint (1206 Metric 3216) For PCB design, use the following standard 1206 dimensions: ```text Length (L): 3.2mm ± 0.2mm Width (W): 1.6mm ± 0.2mm Height (T): 1.1mm ± 0.2mm (standard) ```
    ✨ Follow-up Questions
    • ⤷ What are the main differences between ceramic and wire-wound inductors?
    • ⤷ How does the SRF (Self-Resonant Frequency) impact circuit design?
    • ⤷ Can this inductor be used in high-power switching regulators?