CTS2F-R39K
AI

The **CTS2F-R39K** is a specific electronic component belonging to the family of **Fixed Inductors** (specifically Conformal Coated Choke Coils). It is commonly used for filtering, decoupling, and suppression in electronic circuits.
### 1. Component Specifications
The alphanumeric code "R39K" defines the electrical characteristics of the inductor.
| Parameter | Value / Description |
| :--- | :--- |
| **Inductance** | 0.39 µH (Microhenries) |
| **Tolerance** | ±10% (Indicated by the "K") |
| **Core Material** | Phenolic or Ferrite (depending on series) |
| **Termination Style** | Axial Leaded |
| **Coating** | Epoxy Conformal Coating |
---
### 2. Breakdown of the Part Number
Understanding the nomenclature helps in identifying equivalent parts:
* **CTS2F**: The series designation, typically indicating a standard axial leaded inductor with a specific body size and molded or coated construction.
* **R39**: The inductance value. "R" acts as the decimal point. $0.39$ units.
* **K**: The tolerance code.
* J = ±5%
* **K = ±10%**
* M = ±20%
---
### 3. Key Technical Characteristics
In addition to its inductance, the following electrical factors are critical for circuit design:
1. **Self-Resonant Frequency (SRF):** The frequency at which the component stops acting as an inductor and begins acting as a capacitor. For a 0.39 µH inductor, the SRF is typically very high (often >400 MHz).
2. **DC Resistance (DCR):** The internal resistance of the wire. Lower DCR is preferred to minimize power loss and heat.
3. **Rated Current (I-sat / I-rms):** The maximum current the inductor can handle before the magnetic core saturates or the temperature rises beyond safe limits.
---
### 4. Common Applications
Due to its small size and axial leaded format, the CTS2F-R39K is frequently found in:
* **RF Coupling/Decoupling:** Used to block high-frequency noise in radio frequency circuits.
* **Power Supplies:** Acts as a filter to smooth out ripples in low-current DC lines.
* **Signal Processing:** Used in filters (Low-pass/High-pass) to shape signal integrity.
---
### 5. Identification Schematic
When looking at the physical part, it often uses a color-coding system (similar to resistors) or direct text printing:
```text
_________________________
| |
-----| [ Orange | White | Silver | Gold ] |-----
|_________________________|
(Example of Color Banding for 0.39µH)
```
- ⤷
What is the maximum current rating for the CTS2F-R39K?
- ⤷ How does a conformal coating benefit this inductor compared to an open-coil design?
- ⤷ What are the common alternatives if this specific part is out of stock?