AI

## Technical Overview: CTS4F-R10J
The **CTS4F-R10J** is a specific model of a **Fixed Inductor** (Choke), typically categorized under Axial Leaded Inductors. It is designed for use in electronic circuits where signal filtering, energy storage, or impedance matching is required.
---
### 1. Specification Breakdown
The part number follows a specific nomenclature that defines its electrical characteristics:
| Parameter | Specification | Description |
| :--- | :--- | :--- |
| **Inductance** | 0.10 µH | The nominal inductance value (R10). |
| **Tolerance** | ±5% | Indicated by the suffix "J". |
| **Package Type** | Axial Leaded | Cylindrical body with leads coming out of both ends. |
| **Core Material** | Phenolic / Ferrite | Varies by manufacturer, usually high-frequency stable. |
| **Mounting Style** | Through-Hole | Designed to be soldered into PCB holes. |
---
### 2. Electrical Characteristics
These parts are engineered for high-frequency performance. Below are the typical operational limits for this class of component:
* **DC Resistance (DCR):** Usually very low (e.g., < 0.10 Ω), minimizing power loss.
* **Rated Current:** Typically ranges from 500mA to over 1000mA depending on the specific series rating.
* **Self-Resonant Frequency (SRF):** High frequency (often > 400 MHz), making it suitable for RF applications.
* **Operating Temperature:** Generally rated for -55°C to +125°C.
---
### 3. Common Applications
Due to its low inductance (0.10 µH), the CTS4F-R10J is primarily used in high-frequency circuits:
1. **RF Filtering:** Removing high-frequency noise from signal lines.
2. **Decoupling:** Preventing noise from one part of a circuit from affecting another.
3. **Local Oscillators:** Used in tuning circuits for radio and communication equipment.
4. **Power Supplies:** Small DC-DC converters for ripple suppression.
---
### 4. Physical Identification
The component usually looks like a small resistor. You can identify it by:
* **Body Color:** Often green, blue, or brown.
* **Color Bands:** It uses a standard color-coding system to indicate inductance (similar to resistors), measured in **Microhenries (µH)**.
---
- ⤷
What are the equivalent substitute parts for the CTS4F-R10J?
- ⤷ How do I read the color bands on an axial inductor?
- ⤷ Can this inductor be used in high-power switching power supplies?