Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

  • CTSPI2D10F-R68M

  • AI
    The **CTSPI2D10F-R68M** is a surface-mount (SMD) power inductor. It is specifically designed for high-efficiency power conversion in compact electronic devices. --- ### 1. Technical Specifications The part number follows a specific nomenclature used by manufacturers (like Central Technologies) to describe its physical and electrical characteristics. | Parameter | Value / Specification | | :--- | :--- | | **Inductance** | 0.68 µH (Microhenries) | | **Tolerance** | ±20% (indicated by 'M') | | **Component Type** | Shielded Power Inductor | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Dimensions** | Approx. 2.2mm x 2.2mm x 1.0mm | | **Shielding** | Magnetically Shielded (Low EMI) | --- ### 2. Breakdown of the Part Number To understand this component, we can deconstruct the code: * **CTSPI**: Series prefix (Shielded Power Inductor). * **2D10**: The footprint and height dimensions (2.2mm x 2.2mm, with a 1.0mm height profile). * **F**: Often denotes lead-free/RoHS compliance. * **R68**: The inductance value. "R" acts as a decimal point, so R68 = **0.68 µH**. * **M**: The tolerance code (M = ±20%). --- ### 3. Key Features and Applications Power inductors like the R68M are critical in modern electronics for managing voltage regulation and filtering. #### Features: * **Low Profile:** The "10" in the name indicates a height of roughly 1.0mm, making it ideal for thin devices like smartphones or tablets. * **Magnetic Shielding:** Minimizes electromagnetic interference (EMI), which is crucial when placed near sensitive components like CPUs or wireless antennas. * **High Current Handling:** Despite its small size, it is designed to handle high saturation currents without losing inductance. #### Common Applications: 1. **DC-DC Converters:** Used in buck (step-down) or boost (step-up) converters. 2. **Portable Electronics:** Smartphones, wearable tech, and digital cameras. 3. **Power Management Integrated Circuits (PMICs):** Serving as the energy storage element in local power rails. --- ### 4. Critical Considerations for Design When using this part in a circuit, engineers must check the following in the datasheet: * **Isat (Saturation Current):** The current level where inductance drops by a specific percentage. * **Irms (RMS Current):** The maximum continuous current the inductor can handle before overheating. * **DCR (DC Resistance):** Lower DCR is preferred to minimize power loss and heat generation.
    ✨ Follow-up Questions
    • ⤷ What are the saturation current (Isat) ratings for the CTSPI2D10F series?
    • ⤷ How does the 'R68' value compare to a '1R0' value in terms of performance?
    • ⤷ What are the recommended soldering profiles for this SMD inductor?