Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

  • CTXAL6030F-R18M

  • AI
    The **CTXAL6030F-R18M** is a high-performance, surface-mount (SMD) power inductor commonly used in DC-DC converter applications. It belongs to a category of molded powder inductors known for high current handling and low electromagnetic interference (EMI). --- ### 1. Technical Specifications The part number follows a specific nomenclature that defines its physical and electrical characteristics: | Parameter | Value / Description | | :--- | :--- | | **Inductance** | 0.18 µH (indicated by "R18") | | **Tolerance** | ±20% (indicated by "M") | | **Case Size** | 6030 (approx. 6.6 x 6.4 x 3.0 mm) | | **Core Material** | Metal Alloy (Carbonyl Powder) | | **Mounting Type** | SMD/SMT | ### 2. Key Electrical Features * **High Saturation Current ($I_{sat}$):** Because it uses a metal alloy powder core, the inductor maintains its inductance even under high peak currents without sudden magnetic saturation. * **Low DCR (DC Resistance):** Designed with thick copper wire to minimize power loss ($I^2R$) and heat generation. * **Shielded Construction:** The molded design acts as a natural magnetic shield, reducing EMI leakage which is critical for densely packed circuit boards. * **Soft Saturation:** Unlike ferrite cores that drop inductance sharply, this part exhibits a "soft" roll-off, providing better stability during current spikes. ### 3. Application Use Cases This component is typically found in the following power stages: * **Voltage Regulator Modules (VRMs):** Used in CPU/GPU power delivery. * **Buck/Boost Converters:** High-frequency switching power supplies. * **Battery Powered Devices:** Due to high efficiency and compact size. * **Automotive/Industrial:** Used in systems requiring high reliability and thermal stability. ### 4. Comparison vs. Standard Ferrite Inductors | Feature | CTXAL6030F-R18M (Molded Alloy) | Standard Ferrite Inductor | | :--- | :--- | :--- | | **Saturation** | Soft / Gradual | Hard / Sharp | | **Acoustic Noise** | Very Low (Solid construction) | Can buzz (Piezoelectric effect) | | **Size** | Compact for high current | Larger for same current | | **EMI** | Superior Shielding | Moderate Shielding | ---
    ✨ Follow-up Questions
    • ⤷What is the maximum current rating (Irms) for the CTXAL6030F-R18M?
    • ⤷ How does the metal powder core compare to a ferrite core in terms of thermal performance?
    • ⤷ What are the recommended reflow soldering profiles for this 6030 package size?