Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

  • D449-R1ML-G2

  • AI
    The **D449-R1ML-G2** is a specific model of a miniature snap-action switch (often referred to as a "Micro Switch") manufactured by **ZF Electronics** (formerly Cherry). These components are widely used for physical sensing, limit detection, and user interface buttons in industrial and consumer electronics. --- ## 1. Technical Specifications The electrical and physical characteristics are defined by the alphanumeric code. Here is a breakdown of its core parameters: | Parameter | Specification | | :--- | :--- | | **Contact Form** | SPDT (Single Pole Double Throw) | | **Switch Function** | On-Mom (Momentary) | | **Current Rating** | 10A at 250VAC | | **Actuator Type** | Long Straight Lever | | **Termination Style** | Solder Lug / Quick Connect (2.8mm) | | **Operating Force** | ~45g (low force variant) | | **Mechanical Life** | 50,000 cycles (minimum) | --- ## 2. Key Electronic Components ### A. Contact Material The "D4" series typically utilizes **Silver (Ag)** or **Silver Nickel (AgNi)** contacts. These materials are chosen for their high conductivity and ability to withstand the electrical arcing that occurs when switching 10A loads. ### B. The Snap-Action Mechanism Inside the plastic housing is a **Beryllium Copper (BeCu)** spring. This spring ensures that the transition between the "Normally Closed" (NC) and "Normally Open" (NO) contacts happens at a constant, high speed, regardless of how slowly the lever is pushed. This prevents "contact bounce" and excessive wear. ### C. Terminal Configuration The device features three terminals: 1. **COM (Common):** The input line. 2. **NC (Normally Closed):** The circuit is active when the lever is at rest. 3. **NO (Normally Open):** The circuit is active only when the lever is depressed. --- ## 3. Application Use Cases Because of its high current rating and lever design, the D449-R1ML-G2 is typically used in: * **Safety Interlocks:** Detecting if a printer cover or microwave door is closed. * **Limit Switches:** Stopping a motor in a 3D printer or CNC machine when it reaches the end of its travel. * **Vending Machines:** Detecting the passage of a coin or the dispensing of a product. * **HVAC Systems:** Airflow sensing or pressure detection. --- ## 4. Visual Layout (Schematic Representation) ```text [ Lever Actuator ] | V /--------------\ | (O) | <-- Internal Pivot | / | (COM) o---/ .---o (NC) | | | | '---o (NO) \--------------/ ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between silver and gold contacts in the D4 series?
    • ⤷ How do I wire this switch for a 'normally open' configuration?
    • ⤷ What is the maximum voltage rating for DC applications for this switch?