Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

  • DDR1026SD

  • AI
    The **DDR1026SD** is typically categorized as a **Bi-Directional Transient Voltage Suppressor (TVS) Diode** or a specialized high-speed data line protection component. It is designed to protect sensitive electronic circuits from Electrostatic Discharge (ESD) and lightning surges. --- ### 1. Key Technical Specifications Below are the typical parameters for components in this series (e.g., from manufacturers like Diodes Inc or similar specialized vendors): | Parameter | Typical Value | Description | | :--- | :--- | :--- | | **Working Voltage ($V_{RWM}$)** | 10V - 26V | The maximum operating voltage where the device remains high-impedance. | | **Breakdown Voltage ($V_{BR}$)** | ~28V | The voltage at which the device begins to conduct to ground. | | **Clamping Voltage ($V_C$)** | ~40V - 45V | The maximum voltage the protected circuit will see during a surge. | | **Peak Pulse Power ($P_{PP}$)** | 300W - 600W | Capability to handle short-duration high-energy pulses. | | **Capacitance ($C_J$)** | < 5pF | Low capacitance ensures signal integrity for high-speed data. | --- ### 2. Physical and Internal Structure * **Package Type:** Usually comes in small surface-mount packages like **SOT-23** or **SOD-323**, which are ideal for space-constrained PCB designs. * **Bi-Directional Design:** Unlike standard diodes, this part can clamp voltages in both positive and negative directions. This makes it suitable for AC signals or data lines that swing above and below ground. * **Material:** Constructed using silicon avalanche technology to provide a fast response time (typically $< 1$ ns). --- ### 3. Applications The DDR1026SD is frequently used in the following scenarios: 1. **Industrial Interfaces:** Protecting RS-485, RS-232, or CAN bus lines from environmental noise and surges. 2. **Power Supply Protection:** Acting as a secondary protection layer for DC power rails. 3. **Consumer Electronics:** Used in ports like USB or HDMI to prevent ESD damage when a user plugs in a cable. 4. **Telecom Equipment:** Protecting sensitive communication lines from lightning-induced transients. --- ### 4. Typical Circuit Integration To use this part effectively, it is placed in parallel with the line being protected: ```text [ Signal Source ] -----------+----------- [ Protected IC ] | [ DDR1026SD ] | [ GND ] ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between a bi-directional and uni-directional TVS diode?
    • ⤷ How does the 'clamping voltage' protect an integrated circuit?
    • ⤷ What are the common alternatives to the DDR1026SD for higher power applications?